Electronic Components Datasheet Search
  English  ▼

X  

RX Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # RX
Description  RX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

RX Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  RX Datasheet HTML 1Page - Sharma Electro Components,Inc RX Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RX Series
Items
Characteristics
Capacitance Tolerance
±20% (M) (120Hz,20℃)
Rated Voltage Range (WV)
6.3~250 VDC
Operating Temperature Range
-40 ~ +105℃
WV
6.3
10
16
25
35
50
63
80
100
160
200
250
Surge Voltage (V) (20℃)
SV
8
13
20
32
44
63
79
100
125
200
250
300
I≦0.03CV+4μA
(After rated voltage applied for 2 minutes)
Leakage Current (Max) (20℃)
I= Leakage Current (μA) C= Nominal Capacitance (μF) V= Rated Voltage (V)
WV
6.3
10
16
25
35
50
63
80
100
160
200
250
tanδ
0.24
0.20
0.17
0.15
0.15
0.15
0.10
0.10
0.10
0.20
0.20
0.20
Dissipation Factor (Max)
(tanδ) (120Hz ,20℃)
When nominal capacitance is over 1000μF,
tan δ shall be added 0.02 to the listed value with increase of every 1000μF.
WV
Z (120Hz)
6.3
10
16
25
35
50
63
80
100
160
200
250
Z(-25℃) / Z(20℃)
4
3
2
2
2
2
2
2
2
6
6
6
Low Temperature Stability
Impedance Ratio (Max)
Z(-40℃) / Z(20℃)
8
6
4
4
3
3
3
3
3
12
12
12
After applying rated voltage for 1000 hours at 105℃,
the capacitor shall meet the following requirement.
(The polarity shall be reversed every 250 hours)
Capacitance Change
Within±20% of the initial value
Dissipation Factor
Not more than 200% of the specified value
Load Life
Leakage Current
Not more than the specified value
Shelf Life
After placed at 105℃without voltage applied for 500 hours,
the capacitor shall meet the same requirement as load life.
Applicable standards
Refer to JIS C 5101
ψD
5
6.3
8
10
13
16
18
P
2.0
2.5
3.5
5.0
5.0
7.5
7.5
ψd
0.5
0.5
0.6
0.6
0.6
(0.8)
0.8
0.8
a
1.0
1.0
1.0
1.0
2.0
2.0
2.0
Frequency coefficient
Freq. (Hz)
WV (VDC)
50
120
1K
10K
6.3~16
0.80
1.00
1.10
1.20
25~35
0.80
1.00
1.50
1.70
50~100
0.80
1.00
1.60
1.90
160~250
0.80
1.00
1.50
1.60
Temperature coefficient
Ambient Temperature (℃)
≦
50
70
85
105
Coefficient
1.90
1.75
1.40
1.00
Multiplier for Ripple Current
Dimensions (mm)
■ Features
• Lifetime:105℃,1000hrs
• Wide temperature range
for RN
• Non-polarized/Polarity
reversing
■ Recommended Applications
• Small crossover network
• Reversed polarity circuit
• Coupling
Specifications
( ) ; L≧30
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Description - RX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF1070S-1 MITSUBISHI-MF1070S-1 Datasheet
147Kb / 1P
FOR PAGER, Rx
logo
New Japan Radio
NSVS735 NJRC-NSVS735 Datasheet
139Kb / 5P
AMPS RX PCS(USA) RX
logo
Sumida Corporation
AR10D23 SUMIDA-AR10D23 Datasheet
203Kb / 1P
Transponder RX antenna
AR9D27 SUMIDA-AR9D27 Datasheet
210Kb / 1P
Transponder RX antenna
RX-9P SUMIDA-RX-9P Datasheet
86Kb / 7P
POWER INDUCTORS < Pin Type: RX Series>
logo
TDK Electronics
B39172B3832U410 TDK-B39172B3832U410 Datasheet
94Kb / 8P
SAW Rx filter
B39941B9845P810 TDK-B39941B9845P810 Datasheet
195Kb / 14P
SAW Rx filter
B39881B4324P810 TDK-B39881B4324P810 Datasheet
99Kb / 8P
SAW Rx Filter
B39881B9844P810 TDK-B39881B9844P810 Datasheet
186Kb / 13P
SAW Rx Filter
logo
Broadcom Corporation.
ACFM-2024 BOARDCOM-ACFM-2024 Datasheet
257Kb / 2P
Band 25 Rx, Band 26 Rx, Band 41 Rx Triplexer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com