Electronic Components Datasheet Search
  English  ▼

X  

RX Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # RX
Description  RX Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

RX Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  RX Datasheet HTML 1Page - Sharma Electro Components,Inc RX Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CASE SIZE (ψDxL(mm)) / MAX PERMISSIBLE RIPPLE CURRENT (RC(mArms) / 120Hz,105℃)
6.3
10
16
25
35
50
63
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.47
5x11
5
1
5x11
10
5x11
10
2.2
5x11
20
5x11
20
3.3
5x11
25
5x11
25
4.7
5x11
25
5x11
25
6.3x11
30
10
5x11
35
5x11
35
5x11
35
6.3x11
40
6.3x11
50
22
5x11
45
5x11
50
6.3x11
55
6.3x11
60
8x11
70
8x11
80
33
5x11
55
5x11
55
5x11
60
6.3x11
70
8x11
85
8x11
90
10x12.5
115
47
5x11
60
5x11
65
6.3x11
85
6.3x11
85
8x11
105
8x14
120
10x17
155
100
6.3x11
100
6.3x11
110
8x11
140
8x11
140
10x17
195
10x20
225
13x20
275
220
8x11
175
8x11
185
10x12.5
235
10x17
260
13x20
350
13x25
410
16x26
490
330
8x11
225
10x15
295
10x17
320
13x20
385
13x20
430
16x26
555
16x32
640
470
10x12.5
315
10x17
350
10x20
415
13x20
460
13x25
560
16x32
710
18x36
820
1000
10x20
555
13x20
615
13x25
730
16x26
810
16x32
970
2200
13x25
990
16x26
1090
16x32
1285
18x36
1380
3300
16x26
1335
16x32
1440
18x36
1685
4700
16x32
1720
18x36
1840
6800
18x36
2210
80
100
160
200
250
SPEC
μF
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
ψDxL
RC
0.47
5x11
5
6.3x11
5
1
5x11
10
6.3x11
15
6.3x11
15
8x11
15
2.2
5x11
25
6.3x11
20
8x11
20
8x11
20
10x12.5
20
3.3
6.3x11
30
6.3x11
30
10x12.5
25
10x12.5
25
10x12.5
25
4.7
6.3x11
35
6.3x11
35
10x12.5
30
10x15
35
10x17
35
10
8x11
55
8x11
60
10x17
50
13x20
60
13x20
60
22
10x15
90
10x17
115
13x25
100
13x25
105
16x26
115
33
10x17
140
13x20
190
16x26
140
16x26
140
16x32
155
47
10x20
185
13x20
205
16x26
170
16x32
190
16x36
195
100
13x25
330
16x26
365
18x36
310
220
16x32
590
18x36
615
330
18x36
735
WV
WV
Case Size / Max Ripple Current
Sharma Electrolytic Capacitors
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com