Electronic Components Datasheet Search
  English  ▼

X  

AD10200 Datasheet(PDF) 8 Page - Analog Devices

Part # AD10200
Description  Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10200 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD10200 Datasheet HTML 4Page - Analog Devices AD10200 Datasheet HTML 5Page - Analog Devices AD10200 Datasheet HTML 6Page - Analog Devices AD10200 Datasheet HTML 7Page - Analog Devices AD10200 Datasheet HTML 8Page - Analog Devices AD10200 Datasheet HTML 9Page - Analog Devices AD10200 Datasheet HTML 10Page - Analog Devices AD10200 Datasheet HTML 11Page - Analog Devices AD10200 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. A
AD10200
–8–
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
5
1015
2025
30
35
40
45
50
ENCODE = 105 MSPS
AIN = 37MHz & 38MHz (–10dBFS)
SFDR = 79.84dBc
TPC 7. Two-Tone @ 37 MHz/38 MHz
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
5
10
1520
2530
35
4045
50
ENCODE = 105 MSPS
AIN = 120MHz & 121MHz (–7dBFS)
SFDR = 63.8dBc
TPC 8. Two-Tone @ 120 MHz/121 MHz
3
3
0
2
2
0
1
1
512
1024
1536
2048
2560
3072
3584
4096
ENCODE = 105 MSPS
INL MAX = 0.874 Codes
INL MIN = 0.895 Codes
TPC 9. Integral Nonlinearity
FREQUENCY – MHz
0
130
20
80
100
110
120
40
60
0
10
30
90
50
70
5
10
1520
2530
35
4045
50
ENCODE = 105 MSPS
AIN = 71MHz & 72MHz (–7dBFS)
SFDR = 74.8dBc
TPC 10. Two-Tone @ 71 MHz/72 MHz
3.0
1.0
1.5
0.5
0.0
0.5
2.5
0
1.0
2.0
512
1024
1536
2048
2560
3072
3584
4096
ENCODE = 105 MSPS
DNL MAX = 0.486 Codes
DNL MIN = 0.431 Codes
TPC 11. Differential Nonlinearity
0
10
6
9
2
3.0
8
4
32.7
62.4
92.1 121.8 151.5 181.2 210.9 240.6
MHz
270.3 300.0
1
7
3
5
ENCODE = 105 MSPS
3dB = 261MHz
TPC 12. Gain Flatness



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com