Electronic Components Datasheet Search
  English  ▼

X  

AD10200 Datasheet(PDF) 4 Page - Analog Devices

Part # AD10200
Description  Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10200 Datasheet(HTML) 4 Page - Analog Devices

  AD10200 Datasheet HTML 1Page - Analog Devices AD10200 Datasheet HTML 2Page - Analog Devices AD10200 Datasheet HTML 3Page - Analog Devices AD10200 Datasheet HTML 4Page - Analog Devices AD10200 Datasheet HTML 5Page - Analog Devices AD10200 Datasheet HTML 6Page - Analog Devices AD10200 Datasheet HTML 7Page - Analog Devices AD10200 Datasheet HTML 8Page - Analog Devices AD10200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
REV. A
AD10200
–4–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD10200 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1, 2
VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . 5 Vp-p(18 dBm)
Digital Inputs . . . . . . . . . . . . . . . . . . . –0.5 V to VDD + 0.5 V
Digital Output Current . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Operating Temperature . . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 175
°C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . 150
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions outside of those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods may affect device reliability.
2Typical thermal impedances for “Z” package:
θ
JC = 2.22
°C/W; θ
JA = 24.3
°C/W.
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II.
100% production tested at 25
°C and sample tested at
specific temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI. 100% production tested at 25
°C; guaranteed by design and
characterization testing for industrial temperature range.
Table I. Output Coding (VREF = 2.5 V) (Two’s Complement)
Code
AIN (V)
Digital Output
+2047
+1.024
0111 1111 1111
••
•
••
•
0
0
0000 0000 0000
–1
–0.00049
1111 1111 1111
••
•
••
•
–2048
–1.024
1000 0000 0000
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD10200BZ
–40
°C to +85°C (Case)
68-Lead Ceramic Leaded Chip Carrier
Z-68B
5962-9961002HXA
–40
°C to +85°C (Case)
68-Lead Ceramic Leaded Chip Carrier
Z-68B
5962-9961001HXA
–55
°C to +125°C (Case)
68-Lead Ceramic Leaded Chip Carrier
Z-68B
AD10200/PCB
Evaluation Board with AD10200BZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com