Electronic Components Datasheet Search
  English  ▼

X  

GD75232DBRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # GD75232DBRG4
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GD75232DBRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button GD75232DBRG4 Datasheet HTML 5Page - Texas Instruments GD75232DBRG4 Datasheet HTML 6Page - Texas Instruments GD75232DBRG4 Datasheet HTML 7Page - Texas Instruments GD75232DBRG4 Datasheet HTML 8Page - Texas Instruments GD75232DBRG4 Datasheet HTML 9Page - Texas Instruments GD75232DBRG4 Datasheet HTML 10Page - Texas Instruments GD75232DBRG4 Datasheet HTML 11Page - Texas Instruments GD75232DBRG4 Datasheet HTML 12Page - Texas Instruments GD75232DBRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
GD65232, GD75232
MULTIPLE RS232 DRIVERS AND RECEIVERS
SLLS206J − MAY 1995 − REVISED NOVEMBER 2004
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
DRIVER SECTION
Figure 7
VOLTAGE TRANSFER CHARACTERISTICS
VDD = 6 V, VSS = −6 V
VI − Input Voltage − V
VDD = 12 V, VSS = −12 V
VDD = 9 V, VSS = −9 V
RL = 3 kΩ
TA = 25°C
12
9
6
3
0
−3
−6
−9
−12
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6 1.8
2
Figure 8
OUTPUT CURRENT
vs
OUTPUT VOLTAGE
VOH (VI = 0.8 V)
VO − Output Voltage − V
VOL (VI = 1.9 V)
3-k
Ω
Load Line
VDD = 9 V
VSS = −9 V
TA = 25°C
20
16
12
8
4
0
−4
−8
−12
−16
−20
−16
−12
−8
−4
0
4
8
12
16
Figure 9
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VDD = 9 V
VSS = −9 V
VO = 0
IOS(H) (VI = 0.8 V)
IOS(L) (VI = 1.9 V)
12
9
6
3
0
−3
−6
−9
−12
0
1020
30
40
5060
70
SLEW RATE
vs
LOAD CAPACITANCE
Figure 10
VDD = 9 V
VSS = −9 V
RL = 3 kΩ
TA = 25°C
CL − Load Capacitance − pF
1000
100
10
10
1
100
1000
10000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com