Electronic Components Datasheet Search
  English  ▼

X  

GD75232DBRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # GD75232DBRG4
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GD75232DBRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button GD75232DBRG4 Datasheet HTML 6Page - Texas Instruments GD75232DBRG4 Datasheet HTML 7Page - Texas Instruments GD75232DBRG4 Datasheet HTML 8Page - Texas Instruments GD75232DBRG4 Datasheet HTML 9Page - Texas Instruments GD75232DBRG4 Datasheet HTML 10Page - Texas Instruments GD75232DBRG4 Datasheet HTML 11Page - Texas Instruments GD75232DBRG4 Datasheet HTML 12Page - Texas Instruments GD75232DBRG4 Datasheet HTML 13Page - Texas Instruments GD75232DBRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
GD65232, GD75232
MULTIPLE RS232 DRIVERS AND RECEIVERS
SLLS206J − MAY 1995 − REVISED NOVEMBER 2004
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 11
INPUT THRESHOLD VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
VIT+
VIT−
2.4
2.2
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
010
20
30
40
50
60
70
Figure 12
INPUT THRESHOLD VOLTAGE
vs
SUPPLY VOLTAGE
VCC − Supply Voltage − V
VIT+
VIT−
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
2
345
6
7
8
9
10
Figure 13
NOISE REJECTION
CC = 300 pF
tw − Pulse Duration − ns
CC = 500 pF
NOTE A: This
figure
shows
the
maximum
amplitude
of
a
positive-going pulse that, starting from 0 V, does not cause
a change of the output level.
6
5
4
3
2
1
0
10
40
100
400
1000
4000 10000
VCC = 5 V
TA = 25°C
See Note A
CC = 100 pF
CC = 12 pF
Figure 14
MAXIMUM SUPPLY VOLTAGE
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
RL ≥ 3 kΩ (from each output to GND)
16
14
12
10
8
6
4
2
0
0
10
20
3040
5060
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com