Electronic Components Datasheet Search
  English  ▼

X  

TPS53317 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317
Description  6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317 Datasheet(HTML) 2 Page - Texas Instruments

  TPS53317 Datasheet HTML 1Page - Texas Instruments TPS53317 Datasheet HTML 2Page - Texas Instruments TPS53317 Datasheet HTML 3Page - Texas Instruments TPS53317 Datasheet HTML 4Page - Texas Instruments TPS53317 Datasheet HTML 5Page - Texas Instruments TPS53317 Datasheet HTML 6Page - Texas Instruments TPS53317 Datasheet HTML 7Page - Texas Instruments TPS53317 Datasheet HTML 8Page - Texas Instruments TPS53317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TPS53317
SLUSAK4D – JUNE 2011 – REVISED JULY 2015
www.ti.com
Table of Contents
7.3
Feature Description................................................. 12
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 16
2
Applications ........................................................... 1
8
Application and Implementation ........................ 20
3
Description ............................................................. 1
8.1
Application Information............................................ 20
4
Revision History..................................................... 2
8.2
Typical Applications ............................................... 20
5
Pin Configuration and Functions ......................... 4
9
Power Supply Recommendations ...................... 26
6
Specifications......................................................... 5
10
Layout................................................................... 26
6.1
Absolute Maximum Ratings ...................................... 5
10.1
Layout Guidelines ................................................. 26
6.2
ESD Ratings.............................................................. 5
10.2
Layout Example .................................................... 26
6.3
Recommended Operating Conditions ....................... 5
11
Device and Documentation Support ................. 27
6.4
Thermal Information .................................................. 6
11.1
Community Resources.......................................... 27
6.5
Electrical Characteristics........................................... 6
11.2
Trademarks ........................................................... 27
6.6
Typical Characteristics .............................................. 8
11.3
Electrostatic Discharge Caution ............................ 27
7
Detailed Description ............................................ 11
11.4
Glossary ................................................................ 27
7.1
Overview ................................................................. 11
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 11
Information ........................................................... 27
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (November 2013) to Revision D
Page
•
Added Pin Configuration and Functions section, ESD Rating table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
•
Added "SW (transient 20 ns and E = 5 µJ)" specification in Absolute Maximum Ratings table ............................................ 5
•
Added Figure 41 .................................................................................................................................................................. 26
Changes from Revision B (MAY 2012) to Revision C
Page
•
Added clarity to Pin Configuration and Functions table ......................................................................................................... 4
•
Added clarity to Internal soft-start delay time and soft-start time test conditions in Electrical Characteristics table.............. 7
•
Added Figure 17, Figure 19 and Figure 20 in Power Sequences section............................................................................ 13
•
Added clarity to Output Overvoltage Protection (OVP) section............................................................................................ 15
•
Changed minimum valley OCL from "is 6 A or 4 A" to "is 7.6 A or 5.4 A" in Overcurrent Limit section. ............................. 15
•
Changed "the absolute value of the negative OCL set point is typically -6.5 A or -4.5 A" to "the typical value of the
negative OCL set point is –9.3 A or –6.5 A" in Negative OCL section................................................................................. 16
•
Added clarity to Layout Guidelines section. ......................................................................................................................... 26
Changes from Revision A (JULY 2011) to Revision B
Page
•
Added Memory Termination bullet in APPLICATIONS .......................................................................................................... 1
•
Added clarity to ...................................................................................................................................................................... 1
•
Added updates to Table 1 .................................................................................................................................................... 19
2
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS53317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com