Electronic Components Datasheet Search
  English  ▼

X  

TPS53317 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53317
Description  6-A Output, D-CAP Mode, Synchronous Step-Down, Integrated-FET Converter for DDR Memory Termination
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53317 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS53317 Datasheet HTML 17Page - Texas Instruments TPS53317 Datasheet HTML 18Page - Texas Instruments TPS53317 Datasheet HTML 19Page - Texas Instruments TPS53317 Datasheet HTML 20Page - Texas Instruments TPS53317 Datasheet HTML 21Page - Texas Instruments TPS53317 Datasheet HTML 22Page - Texas Instruments TPS53317 Datasheet HTML 23Page - Texas Instruments TPS53317 Datasheet HTML 24Page - Texas Instruments TPS53317 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
%176:IEJ ;,75 =
+176
2
×
. ×
@
8176
8+0
×
P59 + P/+0:KBB;A
2 ×
8176 × 875 ×
@
8+0 . 8176
8+0
×
P59 . P/+0:KBB;A
%
176
:IEJ ;,15 =
:3 A;2 × 0.25 µ*
2 × 0.6 8 × 0.03 8
= 62.5 µ(
%
176
:IEJ ;,15 =
+176
2
× .
2 × 8176 × 815
.
=
1
(800 G*V × 1.25 #)
× 0.68 × 0.45 = 0.270 µ*
.
=
1
B59 × +2.2
× 8176 × (1 . &)
+2.2 = 2.5 # × 0.5 = 1.25 #
TPS53317
www.ti.com
SLUSAK4D – JUNE 2011 – REVISED JULY 2015
Typical Applications (continued)
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Step 1. Determine Configuration
Because this DDR4 application requires a tight load tolerance, fast transient response, and sinking current
capability, the design uses a non-droop PWM configuration. Choose 600-kHz switching frequency due to the
duty cycle and minimim off-time of the device, and set an overcurrent (OC) valley limit of 5.4 A due to the
maximum load requirement of 2.5 A. Referring to Table 1 select an RMODE value of 68 kΩ.
8.2.1.2.2
Step 2. Select Inductor
Smaller inductor values have better transient performance but higher ripple and lower efficiency. High values
have the opposite characteristics. It is common practice to limit the ripple current to 30% to 50% of the maximum
current. Choose 50% to allow use of a smaller inductor for faster transient performance.
(7)
where
•
D = duty cycle
(8)
Because this device operates in DCAP+ mode, the frequency and duty cycle vary based on the input voltage, the
output voltage and load. With a 2.5-A load, a 1.2-V input voltage and 0.60 V output voltage, fSW is experimentally
measured at approximately 800 kHz and duty cycle of 0.55. Therefore L is calculated as shown in Equation 10.
(9)
Choose the closest standard value, 0.25 µH.
8.2.1.2.3
Step 3. Determine Output Capacitance
Use Equation 10 to calculate the output capacitance for a desired maximum overshoot.
where
•
COUT(min),OS is the minimum output capacitance for a desired overshoot
•
ΔIOUT is the maximum output current change in the application
•
VOUT = desired output voltage
•
VOS is the desired output voltage change due to overshoot
(10)
Choose a value of 30 mV to account for normal output voltage ripple.
(11)
Use Equation 12 to calculate the necessary output capacitance for a desired maximum undershoot.
where
•
COUT(min),US is the minimum output capacitance for a desired undershoot
•
VUS is the desired output voltage change due to overshoot
•
tSW is the period of switch node
•
tMIN(off) is the minimum off-time (270 ns)
(12)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TPS53317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com