Electronic Components Datasheet Search
  English  ▼

X  

SMRT2805S/KR Datasheet(PDF) 22 Page - Interpoint Corporation Company

Part # SMRT2805S/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2805S/KR Datasheet(HTML) 22 Page - Interpoint Corporation Company

Back Button SMRT2805S/KR Datasheet HTML 18Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 19Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 20Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 21Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 22Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 23Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 24Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 25Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 26Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
table 21: electrIcal characterIStIcS: -55°c tO +125°c caSe, 50 VIn, 100% lOad, Free run, unleSS OtherwISe SpecIFIed.
DUALOUTPUTMODELS
SMRT2805D
SMRT2812D
SMRT2815D
UNITS
PARAMETER
CONDITIONS
MIN
TyP
MAx
MIN
TyP
MAx
MIN
TyP
MAx
OUTPUTVOLTAGE
VOUTA
4.90
5.00
5.10
11.76 12.00 12.24 14.70 15.00 15.30
V
VIN=28
VOUTB
4.90
5.00
5.10
11.76 12.00 12.24 14.70 15.00 15.30
OUTPUTCURRENT2
VOUTA
0.12
—
3.0
0.06
—
1.46
0.05
—
1.17
VOUTB
0.12
—
3.0
0.06
—
1.46
0.05
—
1.17
A
OUTPUTPOWER2
VOUTA
0.60
—
15
0.70
—
17.5
0.70
—
17.5
W
VOUTB
0.60
—
15
0.70
—
17.5
0.70
—
17.5
OUTPUTRIPPLE
TC=25°C
—
—
200
—
—
170
—
—
180
mVp-p
10kHz-20MHz±VOUT
TC=-55°CTO+125°C
—
—
200
—
—
200
—
—
180
LINEREGULATION3
VIN=19TO50V
—
—
30
—
—
25
—
—
30
mV
VIN=19TO56V
—
—
60
—
—
25
—
—
60
LOADREGULATION
50VIN,5%-FL
—
—
70
—
—
100
—
—
70
mV
TOTALREGULATION1
VOUT
ALLCONDITIONSOF
LINE,LOAD,AGING,
TEMPANDRADIATION
±4.6
—
±5.4
±10.9
—
±13.1 ±14.0
—
±16.0
V
INPUTVOLTAGE
CONTINUOUS
19
28
56
19
28
56
19
28
56
V
TRANSIENT120ms
—
—
80
—
—
80
—
—
80
V
INPUTCURRENT
NOLOAD
—
—
100
—
—
100
—
—
100
mA
INHIBITED
—
—
55
—
—
55
—
—
55
INPUTRIPPLECURRENT4
10kHz-20MHz
—
—
60
—
—
60
—
—
60
mAp-p
EFFICIENCy
TC=25°C
66
—
—
72
—
—
72
—
—
%
TC=-55°CTO+125°C
66
—
—
72
—
—
70
—
—
LOADFAULT5
POWERDISSIPATION
—
—
33
—
—
28
—
—
28
W
RECOVERy1
—
—
25
—
—
25
—
—
25
ms
STEPLOADRESPONSE6,7,8 TRANSIENT
—
—
±450
—
—
±450
—
—
±575
mVpk
50%-100%-50%
RECOVERy
—
—
3
—
—
2
—
—
3
ms
STEPLINE
RESPONSE1,6,7
19-56-19VIN
TRANSIENT
—
—
±500
—
—
±1000
—
—
±700
mvpk
RECOVERy
—
—
4
—
—
3
—
—
4
ms
START-UP9
DELAy
—
—
25
—
—
20
—
—
25
ms
OVERSHOOT
—
—
50
—
—
350
—
—
150
mVpk
CAPACITIVELOAD1,10
TC=25°C
UNCONDITIONALLy
STABLE,START-UP
DELAyINCREASED
—
—
5000
—
—
5000
—
—
5000
µF
Notes
1.Guaranteedbycharacterizationtestand/oranalysis.Notaproductiontest.
2.Thespecifiedmaximumcurrent/powerisavailablefromeachoutput.
3.Lineregulationistestedatfullload.However,tomaintainregulationabove28
voltsinput,aminimumloadisrequiredof0%at28voltsinputincreasinglinearly
to5%at56voltsinput.Appliestobothoutputs.
4.ConvertersmeetMIL-STD-461specificationrevisionsforconductedemissions
C-CE03andD-/E-/F-CE-102.Theactualvalueofinputripplecurrentismuch
less,thelimitinthecharacteristictableisbasedonmeasurementresolution.
5.Maximumpowerdissipationwhenoutputisshorted.
6.Recoverytimeismeasuredfromapplicationofthetransienttopointatwhich
VOUTiswithin1%ofVOUTatfinalvalue.
7.Transitiontime>10µs.
8.Halfloadto/fromfullload.
9.Measuredfromreleaseofinhibitorinputvoltagestep.
10.Appliestoeachoutput.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page22of44
sMrt single, dual and triple space dc-dc converters
50 Volt input speciFications
SMRT28RevAJ-2016.05.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com