Electronic Components Datasheet Search
  English  ▼

X  

SMRT2805S/KR Datasheet(PDF) 12 Page - Interpoint Corporation Company

Part # SMRT2805S/KR
Description  SMRT Single, Dual and Triple Space DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMRT2805S/KR Datasheet(HTML) 12 Page - Interpoint Corporation Company

Back Button SMRT2805S/KR Datasheet HTML 8Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 9Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 10Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 11Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 12Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 13Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 14Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 15Page - Interpoint Corporation Company SMRT2805S/KR Datasheet HTML 16Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
table 12: electrIcal characterIStIcS: -55°c tO +125°c caSe, 28 VIn, 100% lOad, Free run, unleSS OtherwISe SpecIFIed.
SINGLEOUTPUTMODELS
SMRT2812S
SMRT2815S
UNITS
PARAMETER
CONDITIONS
MIN
TyP
MAx
MIN
TyP
MAx
OUTPUTVOLTAGE
11.76 12.00 12.24 14.70 15.00 15.30
V
OUTPUTCURRENT
—
—
2.92
0
—
2.33
A
OUTPUTPOWER
—
—
35
0
—
35
W
OUTPUTRIPPLE
TC=25°C
—
—
160
—
—
140
mVp-p
10kHz-20MHz
TC=-55°CTO+125°C
—
—
200
—
—
180
LINEREGULATION2
VIN=19TO50V
—
5
30
—
5
30
mV
LOADREGULATION
NL-FL
—
5
40
—
5
40
mV
TOTALREGULATION1
VOUT
ALLCONDITIONSOF
LINE,LOAD,AGING,
TEMPANDRADIATION
10.9
—
13.1
14.0
—
16.0
V
INPUTVOLTAGE
CONTINUOUS
19
28
56
19
28
56
V
TRANSIENT120ms1
—
—
80
—
—
80
V
INPUTCURRENT
NOLOAD
—
—
110
—
—
110
mA
INHIBITED
—
—
50
—
—
50
INPUTRIPPLECURRENT3
10kHz-20MHz
—
10
50
—
10
50
mAp-p
EFFICIENCy
TC=25°C
76
78
—
76
80
—
%
TC=-55°CTO+125°C
75
—
—
75
—
—
LOADFAULT4
POWERDISSIPATION
—
—
20
—
—
20
W
RECOVERy1
—
—
25
—
—
25
ms
STEPLOADRESPONSE5,6,7 TRANSIENT
—
—
±575
—
—
±575
mVpk
50%-100%-50%
RECOVERy
—
—
3
—
—
3
ms
STEPLINERESPONSE1,5,6 19-50-19VIN
TRANSIENT
—
—
±700
—
—
±700
mVpk
RECOVERy
—
—
4
—
—
4
ms
START-UP8
DELAy
—
—
25
—
—
25
ms
OVERSHOOT
—
—
120
—
—
150
mVpk
CAPACITIVELOAD1
TC=25°C
UNCONDITIONALLy
STABLE,START-UP
DELAyINCREASED
—
—
5000
—
—
5000
µF
Notes
1.Guaranteedbycharacterizationtestand/oranalysis.Notaproductiontest.
2.Lineregulationistestedatfullload.However,tomaintainregulationabove28
voltsinput,aminimumloadisrequiredof0%at28voltsinputincreasinglinearly
to5%at56voltsinput.
3.ConvertersmeetMIL-STD-461specificationrevisionsforconductedemissions
C-CE03andD-/E-/F-CE-102.Theactualvalueofinputripplecurrentismuch
less,thelimitinthecharacteristictableisbasedonmeasurementresolution.
4.Maximumpowerdissipationwhenoutputisshorted.
5.Recoverytimeismeasuredfromapplicationofthetransienttopointatwhich
VOUTiswithin1%ofVOUTatfinalvalue.
6.Transitiontime>10µs.
7.Halfloadto/fromfullload.
8Measuredfromreleaseofinhibitorinputvoltagestep.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page12of44
sMrt single, dual and triple space dc-dc converters
19-56 Volt input – 35 Watt – space qualiFied
SMRT28RevAJ-2016.05.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com