Electronic Components Datasheet Search
  English  ▼

X  

SMTR Datasheet(PDF) 9 Page - Interpoint Corporation Company

Part # SMTR
Description  SMTR Single and Dual DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR Datasheet(HTML) 9 Page - Interpoint Corporation Company

Back Button SMTR_16 Datasheet HTML 5Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 6Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 7Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 8Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 9Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 10Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 11Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 12Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 13Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Typical performance ploTs:
28 Vin, 25°c Tc, 100% load, free run, unless oTherwise specified.
These are examples for reference only and are not guaranteed specifications.
Figure 6
Figure 7
OUTPUT POWER (WATTS)
SMTR2812D EFFICIENCY
60
85
80
75
70
65
5
10
15
20
25
30
16V
40V
28V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
FREQUENCY (kHz)
AUDIO REJECTION, SMTR SERIES
OUTPUT POWER (WATTS)
SMTR2805S EFFICIENCY
60
85
80
75
70
65
5
10
15
20
25
16V
40V
28V
Figure 8
OUTPUT POWER (WATTS)
SMTR2812S EFFICIENCY
60
85
80
75
70
65
5
16V
28V
40V
10
15
20
25
30
Figure 9
OUTPUT POWER (WATTS)
SMTR2815D EFFICIENCY
65
90
85
80
75
70
5
10
15
20
25
30
40V
28V
16V
Figure 10
Figure 11
OUTPUT POWER (WATTS)
SMTR2815S EFFICIENCY
62
87
82
77
72
67
5
16V
28V
40V
10
15
20
25
30
50 μs/div
16 TO 40V
SMTR2805S STEP LINE RESPONSE
VIN
VOUT
Figure 12
50 μs/div
50% 100%
SMTR2805S STEP LOAD RESPONSE
25W to 12.5W
12.5W to 25W
Figure 13
Figure 14
50 μs/div
10% 100%
SMTR2805S STEP LOAD RESPONSE
25W to 2.5W
2.5W to 25W
Crane Aerospace & Electronics Power Solutions
SMTR Single and Dual DC-DC Converters
Page 9 of 14
28 Volt input – 30 Watt
SMTR Rev AC - 2015.10.14
www.craneae.com/interpoint



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com