Electronic Components Datasheet Search
  English  ▼

X  

SMTR Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # SMTR
Description  SMTR Single and Dual DC-DC Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMTR Datasheet(HTML) 1 Page - Interpoint Corporation Company

  SMTR_16 Datasheet HTML 1Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 2Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 3Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 4Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 5Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 6Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 7Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 8Page - Interpoint Corporation Company SMTR_16 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DESCRIPTION
The Interpoint® SMTR Series™ of 28 volt dc-dc converters offers
up to 30 watts of output power from single or dual configurations.
They operate over the full military temperature range of -55°C
to +125°C with up to 84% efficiency. SMTR converters are
packaged in hermetically sealed metal enclosures, making them
ideal for use in military, aerospace and other high reliability
applications.
Screening
SMTR converters offer screening options to space prototype (O),
Class H or K and radiation hardness assurance (RHA) levels
P - 30 krad(Si), L - 50 krad(Si) or R - 100 krad(Si). Single event
effects (SEE) LET performance to 86 MeV cm2/mg. See Table 9
on page 13 and Table 10 on page 14 for more information.
converter DeSign
The SMTR converters are constant frequency, pulse-width
modulated switching regulators which use a quasi-square wave,
single ended, forward converter design. Tight load regulation is
maintained by using a wide bandwidth magnetic feedback and,
on single output models, through use of remote sense. On dual
output models, the positive output is independently regulated and
the negative output is cross regulated through the use of tightly-
coupled magnetics.
SMTR converters have an internal input filter that helps reduce
the need for external components in normal operation. Use our
SFMC EMI input filter to meet the requirements of MIL-STD-
461C’s CE03. For the lowest noise performance, connection
of the case to input common is recommended. The connection
can be hard-wired or ac coupled with a small ceramic bypass
capacitor. Indefinite short circuit protection and overload
protection are provided by a constant current-limit feature. This
protective system senses current in the converter’s secondary
stage and limits it to approximately 140% of the maximum rated
output current.
Synchronization
Synchronizing the converter with the system clock allows
the designer to confine switching noise to clock transitions,
minimizing interference and reducing the need for filtering. In
sync mode, the converter will run at any frequency between 500
kHz and 675 kHz. The sync control operates with an active high
at any duty cycle between 40% and 60%. The sync pin should be
connected to input common pin when not in use.
WiDe voltage range
SMTR converters are designed to provide full power operation
over the input voltage range of 16 to 40 volts. Operation below
16 volts, including MIL-STD-704D emergency power conditions is
possible with derated power. Refer to the low line dropout graph,
Figure 22 on page 10, for details.
FEATURES
• Radiation tolerant space dc-dc converter
- Single event effects (SEE) LET performance to
86 MeV cm2/mg
- Total ionizing dose (TID) guaranteed per MIL-STD-883
method 1019, radiation hardness assurance (RHA)
P = 30 krad(Si), L = 50 krad(Si), R = 100 krad(Si)
- 50 - 300 rad(Si)/sec dose rate (Condition A)
- 10 mrad(Si)/sec dose rate (Condition D)
• Operating temperature -55° to +125°C
• Qualified to MIL-PRF-38534 Class H and K
• Input voltage range 16 to 40 volts
• Transient protection 50 volts for 50 ms
• Fully isolated, magnetic feedback
• Fixed high frequency switching, 600 kHz typical
• Trim function or remote sense on single output models
• Inhibit and synchronization functions
• Indefinite short circuit protection
• Typical efficiency up to 83%
MODELS
output voltage (v)
SINGLE
DUAL
3.3
±5
5
±12
12
±15
15
SMTR Single and Dual DC-DC Converters
Page 1 of 14
28 VOLT INPUT – 30 WATT
SMTR Rev AC - 2015.10.14
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Rd. NE, Redmond, WA 98052
+1 425-882-3100 • power@crane-eg.com
www.craneae.com/interpoint
Crane Aerospace & Electronics Power Solutions


Similar Part No. - SMTR_16

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SMTR1720-11G30 STEALTH_MICROWAVE-SMTR1720-11G30 Datasheet
136Kb / 5P
1.7-2.0 GHz 1 W Bi-Directional Power Amplifier
SMTR2224-11G40-RSS STEALTH_MICROWAVE-SMTR2224-11G40-RSS Datasheet
315Kb / 6P
2.2-2.4 GHz 10W Bi-Directional Power Amplifier
SMTR2327-44 STEALTH_MICROWAVE-SMTR2327-44 Datasheet
226Kb / 5P
2.3-2.7 GHz Bi-Directional WiMAX Power Amplifier
SMTR2425-11B40 STEALTH_MICROWAVE-SMTR2425-11B40 Datasheet
170Kb / 4P
2.4-2.5 GHz 10W Bi-Directional Power Amplifier
SMTR2425-11B40-2 STEALTH_MICROWAVE-SMTR2425-11B40-2 Datasheet
167Kb / 3P
2.4-2.5 GHz Bi-Directional Power Amplifier
More results

Similar Description - SMTR_16

ManufacturerPart #DatasheetDescription
logo
Interpion semiconductor
SMFL INTERPION-SMFL Datasheet
483Kb / 13P
Single and Dual DC/DC Converters
logo
Crane Aerospace & Elect...
MFLHP2805S CRANE-MFLHP2805S Datasheet
169Kb / 11P
MFLHP Single and Dual DC/DC Converters
SLH2805S CRANE-SLH2805S Datasheet
548Kb / 10P
SLH Single and Dual DC/DC Converters
SMFL283R3S CRANE-SMFL283R3S Datasheet
483Kb / 13P
SMFL Single and Dual DC/DC Converters
SMFLH283R3SHO CRANE-SMFLH283R3SHO Datasheet
227Kb / 13P
SMFLHP Single and Dual DC/DC Converters
SMSA283R3SKR CRANE-SMSA283R3SKR Datasheet
646Kb / 14P
SMSA Single and Dual DC/DC Converters
SMTR281R5SKR CRANE-SMTR281R5SKR Datasheet
1Mb / 21P
SMTR Single, Dual and Triple DC/DC Converters
logo
Interpoint Corporation ...
MHP270 INTERPOINT-MHP270_11 Datasheet
720Kb / 10P
MHP270 Single and Dual DC/DC Converters
SLH28 INTERPOINT-SLH28 Datasheet
418Kb / 12P
SLH Single and Dual DC-DC Converters
SMFL283R3S INTERPOINT-SMFL283R3S_16 Datasheet
332Kb / 15P
SMFL Single and Dual DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com