Electronic Components Datasheet Search
  English  ▼

X  

ADUC845 Datasheet(PDF) 51 Page - Analog Devices

Part # ADUC845
Description  MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC845 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADUC845 Datasheet HTML 47Page - Analog Devices ADUC845 Datasheet HTML 48Page - Analog Devices ADUC845 Datasheet HTML 49Page - Analog Devices ADUC845 Datasheet HTML 50Page - Analog Devices ADUC845 Datasheet HTML 51Page - Analog Devices ADUC845 Datasheet HTML 52Page - Analog Devices ADUC845 Datasheet HTML 53Page - Analog Devices ADUC845 Datasheet HTML 54Page - Analog Devices ADUC845 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
ADuC845/ADuC847/ADuC848
Rev. A | Page 51 of 108
USING FLASH/EE DATA MEMORY
The 4 kbytes of Flash/EE data memory are configured as 1024
pages, each of 4 bytes. As with the other ADuC845/ADuC847/
ADuC848 peripherals, the interface to this memory space is via
a group of registers mapped in the SFR space. A group of four
data registers (EDATA1–4) holds the 4 bytes of data at each
page. The page is addressed via the EADRH and EADRL
registers. Finally, ECON is an 8-bit control register that can be
written to with one of nine Flash/EE memory access commands
to trigger various read, write, erase, and verify functions. A block
diagram of the SFR interface to the Flash/EE data memory array
is shown in Figure 32.
ECON—Flash/EE Memory Control SFR
Programming either Flash/EE data memory or Flash/EE
program memory is done through the Flash/EE memory
control SFR (ECON). This SFR allows the user to read, write,
erase, or verify the 4 kbytes of Flash/EE data memory or the
56 kbytes of Flash/EE program memory.
BYTE 1
(0000H)
BYTE 1
(0004H)
BYTE 1
(0008H)
BYTE 1
(000CH)
BYTE 1
(0FF8H)
BYTE 1
(0FFCH)
BYTE 2
(0001H)
BYTE 2
(0005H)
BYTE 2
(0009H)
BYTE 2
(000DH)
BYTE 2
(0FF9H)
BYTE 2
(0FFDH)
BYTE 3
(0002H)
BYTE 3
(0006H)
BYTE 3
(000AH)
BYTE 3
(000EH)
BYTE 3
(0FFAH)
BYTE 3
(0FFEH)
BYTE 4
(0003H)
BYTE 4
(0007H)
BYTE 4
(000BH)
BYTE 4
(000FH)
BYTE 4
(0FFBH)
(0FFFH)
01H
00H
02H
03H
3FEH
3FFH
BYTE
ADDRESSES
ARE GIVEN IN
BRACKETS
BYTE 4
Figure 32. Flash/EE Data Memory Control and Configuration
Table 32. ECON—Flash/EE Memory Commands
ECON Value
Command Description
(Normal Mode, Power-On Default)
Command Description
(ULOAD Mode)
01H Read
4 bytes in the Flash/EE data memory, addressed by the
page address EADRH/L, are read into EDATA1–4.
Not implemented. Use the MOVC instruction.
02H Write
Results in 4 bytes in EDATA1–4 being written to the
Flash/EE data memory, at the page address given by
EADRH (0
≤ EADRH < 0400H). Note that the 4 bytes in the
page being addressed must be pre-erased.
Bytes 0 to 255 of internal XRAM are written to the 256 bytes of
Flash/EE program memory at the page address given by
EADRH/L (0
≤ EADRH/L < E0H).
Note that the 256 bytes in the page being addressed must be
pre-erased.
03H
Reserved.
Reserved.
04H Verify
Verifies that the data in EDATA1–4 is contained in the
page address given by EADRH/L. A subsequent read of
the ECON SFR results in a 0 being read if the verification
is valid, or a nonzero value being read to indicate an
invalid verification.
Not implemented. Use the MOVC and MOVX instructions to
verify the Write in software.
05H Erase Page
4-byte page of Flash/EE data memory address is erased
by the page address EADRH/L.
64-byte page of FLASH/EE program memory addressed by the
byte address EADRH/L is erased. A new page starts when EADRL
is equal to 00H, 80H, or C0H.
06H Erase All
4 kbytes of Flash/EE data memory are erased.
The entire 56 kbytes of ULOAD are erased.
81H ReadByte
The byte in the Flash/EE data memory, addressed by the
byte address EADRH/L, is read into EDATA1 (0
≤ EADRH/L
≤ 0FFFH).
Not implemented. Use the MOVC command.
82H WriteByte
The byte in EDATA1 is written into Flash/EE data memory
at the byte address EADRH/L.
The byte in EDATA1 is written into Flash/EE program memory at
the byte address EADRH/L (0 ≤ EADRH/L ≤ DFFFH).
0FH EXULOAD
Configures the ECON instructions (above) to operate on
Flash/EE data memory.
Enters normal mode, directing subsequent ECON instructions to
operate on the Flash/EE data memory.
F0H ULOAD
Enters ULOAD mode; subsequent ECON instructions
operate on Flash/EE program memory.
Enables the ECON instructions to operate on the Flash/EE
program memory. ULOAD entry mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com