Electronic Components Datasheet Search
  English  ▼

X  

ADUC845 Datasheet(PDF) 13 Page - Analog Devices

Part # ADUC845
Description  MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC845 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADUC845 Datasheet HTML 9Page - Analog Devices ADUC845 Datasheet HTML 10Page - Analog Devices ADUC845 Datasheet HTML 11Page - Analog Devices ADUC845 Datasheet HTML 12Page - Analog Devices ADUC845 Datasheet HTML 13Page - Analog Devices ADUC845 Datasheet HTML 14Page - Analog Devices ADUC845 Datasheet HTML 15Page - Analog Devices ADUC845 Datasheet HTML 16Page - Analog Devices ADUC845 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
ADuC845/ADuC847/ADuC848
Rev. A | Page 13 of 108
Pin No:
52-MQFP
Pin No:
56-CSP
Mnemonic
Type1
Description
25
27
P3.7/RD
External Data Memory Read Strobe. This pin enables the data from an external
data memory to Port 0.
20, 34, 48
22, 36, 51
DVDD
S
Digital Supply Voltage.
21, 35, 47
23, 37,
38, 50
DGND
S
Digital Ground.
26
28
SCLK (I2C)
I/O
Serial Interface Clock for the I2C Interface. As an input, this pin is a Schmitt-
triggered input. A weak internal pull-up is present on this pin unless it is
outputting logic low. This pin can also be controlled in software as a digital
output pin.
27
29
SDATA
I/O
Serial Data Pin for the I2C Interface. As an input, this pin has a weak internal pull-
up present unless it is outputting logic low.
28–31,
36–39
30–33,
39–42
P2.0–P2.7
I/O
Port 2 is a bidirectional port with internal pull-up resistors. Port 2 pins that have
1s written to them are pulled high by the internal pull-up resistors, and in that
state can be used as inputs. As inputs, Port 2 pins being pulled externally low
source current because of the internal pull-up resistors. Port 2 emits the middle
and high-order address bytes during accesses to the 24-bit external data
memory space.
Port 2 pins also have the various secondary functions described below.
28
30
P2.0/SCLOCK (SPI)
Serial Interface Clock for the SPI Interface. As an input this pin is a Schmitt-
triggered input. A weak internal pull-up is present on this pin unless it is
outputting logic low.
29
31
P2.1/MOSI
Serial Master Output/Slave Input Data for the SPI Interface. A strong internal
pull-up is present on this pin when the SPI interface outputs a logic high. A
strong internal pull-down is present on this pin when the SPI interface outputs a
logic low.
30
32
P2.2/MISO
Master Input/Slave Output for the SPI Interface. A weak pull-up is present on this
input pin.
31
33
P2.3/SS/T2
Slave Select Input for the SPI Interface. A weak pull-up is present on this pin.
For both package options, this pin can also be used to provide a clock input to
Timer 2. When enabled, Counter 2 is incremented in response to a negative
transition on the T2 input pin.
36
39
P2.4/T2EX
Control Input to Timer 2. When enabled, a negative transition on the T2EX input
pin causes a Timer 2 capture or reload event.
37
40
P2.5/PWM0
If the PWM is enabled, the PWM0 output appears at this pin.
38
41
P2.6/PWM1
If the PWM is enabled, the PWM1 output appears at this pin.
39
42
P2.7/PWMCLK
If the PWM is enabled, an external PWM clock can be provided at this pin.
32
34
XTAL1
I
Input to the Crystal Oscillator Inverter.
33
35
XTAL2
O
Output from the Crystal Oscillator Inverter. See the Hardware Design
Considerations section for a description.
40
43
EA
External Access Enable, Logic Input. When held high, this input enables the
device to fetch code from internal program memory locations 0000H to F7FFH.
No external program memory access is available on the ADuC845, ADuC847, or
ADuC848. To determine the mode of code execution, the EA pin is sampled at
the end of an external RESET assertion or as part of a device power cycle. EA can
also be used as an external emulation I/O pin, and therefore the voltage level at
this pin must not be changed during normal operation because this might
cause an emulation interrupt that halts code execution.
41
44
PSEN
O
Program Store Enable, Logic Output. This function is not used on the ADuC845,
ADuC847, or ADuC848. This pin remains high during internal program execution.
PSEN can also be used to enable serial download mode when pulled low
through a resistor at the end of an external RESET assertion or as part of a device
power cycle.
42
45
ALE
O
Address Latch Enable, Logic Output. This output is used to latch the low byte
(and page byte for 24-bit data address space accesses) of the address to external
memory during external data memory access cycles. It can be disabled by
setting the PCON.4 bit in the PCON SFR.
Footnotes at end of table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com