Electronic Components Datasheet Search
  English  ▼

X  

DMP6023LSS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP6023LSS
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6023LSS Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP6023LSS Datasheet HTML 1Page - Diodes Incorporated DMP6023LSS Datasheet HTML 2Page - Diodes Incorporated DMP6023LSS Datasheet HTML 3Page - Diodes Incorporated DMP6023LSS Datasheet HTML 4Page - Diodes Incorporated DMP6023LSS Datasheet HTML 5Page - Diodes Incorporated DMP6023LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMP6023LSS
Document number: DS37198 Rev. 2 - 2
2 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMP6023LSS
Maximum Ratings (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = -10V
TA = +25°C
TA = +70°C
ID
-6.6
-5.3
A
Pulsed Drain Current (10µs pulse, duty cycle = 1%)
IDM
-50
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
-1.8
A
Avalanche Current, L = 0.1mH
IAS
-35.5
A
Avalanche Energy, L = 0.1mH
EAS
62.9
mJ
Thermal Characteristics (@TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5)
PD
1.2
W
Thermal Resistance, Junction to Ambient (Note 5)
RJA
100
°C/W
Total Power Dissipation (Note 6)
PD
1.6
W
Thermal Resistance, Junction to Ambient (Note 6)
RJA
75
°C/W
Thermal Resistance, Junction to Case (Note 6)
RJC
12
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (TA = +25°C unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
-60
—
—
V
VGS = 0V, ID = -250μA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
—
—
-1
µA
VDS = -60V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(th)
-1
—
-3
V
VDS = VGS, ID = -250μA
Static Drain-Source On-Resistance
RDS (ON)
—
—
25
m
Ω
VGS = -10V, ID = -5A
—
—
33
VGS = -4.5V, ID = -4A
Diode Forward Voltage
VSD
—
-0.7
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
2569
—
pF
VDS = -30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
179
—
pF
Reverse Transfer Capacitance
Crss
—
143
—
pF
Gate Resistance
Rg
—
8
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = -4.5V,)
Qg
—
26.5
—
nC
VDS = -30V, ID = -5A
Total Gate Charge (VGS = -10V),
Qg
—
53.1
—
nC
Gate-Source Charge
Qgs
—
7.1
—
nC
Gate-Drain Charge
Qgd
—
12.6
—
nC
Turn-On Delay Time
tD(on)
—
6
—
ns
VGS = -10V, VDS = -30V,
RG = 3Ω, ID = -5A
Turn-On Rise Time
tr
—
7.1
—
ns
Turn-Off Delay Time
tD(off)
—
110
—
ns
Turn-Off Fall Time
tf
—
62
—
ns
Body Diode Reverse Recovery Time
trr
—
20
—
nS
IF = -5A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
Qrr
—
14
—
nC
Notes:
5. Device mounted on FR-4 PC board, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with thermal bias to bottom layer 1-inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com