Electronic Components Datasheet Search
  English  ▼

X  

DMP6023LSS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP6023LSS
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6023LSS Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP6023LSS Datasheet HTML 1Page - Diodes Incorporated DMP6023LSS Datasheet HTML 2Page - Diodes Incorporated DMP6023LSS Datasheet HTML 3Page - Diodes Incorporated DMP6023LSS Datasheet HTML 4Page - Diodes Incorporated DMP6023LSS Datasheet HTML 5Page - Diodes Incorporated DMP6023LSS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DMP6023LSS
Document number: DS37198 Rev. 2 - 2
4 of 6
www.diodes.com
January 2015
© Diodes Incorporated
DMP6023LSS
T , JUNCTION TEMPERATURE ( C)
J
Figure 7 On-Resistance Variation with Temperature
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
-50
-25
0
25
50
75
100
125
150
V
= -4.5V
GS
I = -5A
D
V
= -10V
GS
I
= -10A
D
T , JUNCTION TEMPERATURE (°C)
J
Figure 8 Gate Threshold Variation vs. Ambient Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
-50
-25
0
25
50
75
100
125
150
I = -1mA
D
I
= -250µA
D
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate-Charge Characteristics
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
55
V
= -30V
DS
I = -5A
D
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 12 SOA, Safe Operation Area
0.01
0.1
1
10
100
0.1
1
10
100
R DS(on)
Limited
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 1ms
W
P
= 100µs
W
T
= 150°C
J (m ax )
T = 25°C
A
V
=10V
GS
Single Pulse
DUT on 1 * MRP Board
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
0
5
10
15
20
25
30
0
0.3
0.6
0.9
1.2
1.5
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
100
1000
10000
0
5
10
15
20
25
30
35
40
C
iss
C
oss
C
rss
f = 1MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com