Electronic Components Datasheet Search
  English  ▼

X  

ADUC702 Datasheet(PDF) 51 Page - Analog Devices

Part # ADUC702
Description  Precision Analog Microcontroller 12-bit Analog I/O, ARM7TDMI MCU
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC702 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADUC702 Datasheet HTML 47Page - Analog Devices ADUC702 Datasheet HTML 48Page - Analog Devices ADUC702 Datasheet HTML 49Page - Analog Devices ADUC702 Datasheet HTML 50Page - Analog Devices ADUC702 Datasheet HTML 51Page - Analog Devices ADUC702 Datasheet HTML 52Page - Analog Devices ADUC702 Datasheet HTML 53Page - Analog Devices ADUC702 Datasheet HTML 54Page - Analog Devices ADUC702 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
Preliminary Technical Data
ADuC702x Series
Rev. PrB | Page 51 of 80
Table 31: GPxDAT MMR Bit Descriptions
Bit
Description
31-24
Direction of the data:
Set to ‘1’ by the user to configure the GPIO pin as an output
Clear to ‘0’ by the user to configure the GPIO pin as an input
23-16
Port x data output
15-8
Reflect the state of Port x pins at reset (read only)
7-0
Port x data input (read only)
Table 32: GPxSET MMR Bit Descriptions
Bit
Description
31-24
Reserved
23-16
Data port x set bit:
Set to ‘1’ by the user to set bit on port x. will also set the corresponding bit in the GPxDAT MMR
Clear to ‘0’ by the user will not affect the data out
15-0
Reserved
Table 33: GPxCLR MMR Bit Descriptions
Bit
Description
31-24
Reserved
23-16
Data port x clear bit:
Set to ‘1’ by the user to clear bit on port x, will also clear the corresponding bit in the GPxDAT MMR
Clear to ‘0’ by the user will not affect the data out
15-0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com