Electronic Components Datasheet Search
  English  ▼

X  

DMP6110SSD Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMP6110SSD
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6110SSD Datasheet(HTML) 2 Page - Diodes Incorporated

  DMP6110SSD Datasheet HTML 1Page - Diodes Incorporated DMP6110SSD Datasheet HTML 2Page - Diodes Incorporated DMP6110SSD Datasheet HTML 3Page - Diodes Incorporated DMP6110SSD Datasheet HTML 4Page - Diodes Incorporated DMP6110SSD Datasheet HTML 5Page - Diodes Incorporated DMP6110SSD Datasheet HTML 6Page - Diodes Incorporated DMP6110SSD Datasheet HTML 7Page - Diodes Incorporated DMP6110SSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMP6110SSD
Document number: DS37798 Rev. 4 - 2
2 of 8
www.diodes.com
June 2016
© Diodes Incorporated
DMP6110SSD
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note 6) VGS = -10V
TC = +25°C
TC = +70°C
ID
-7.8
-6.3
A
TA = +25°C
TA = +70°C
ID
-3.3
-2.7
A
Pulsed Drain Current (380µs Pulse, 1% Duty Cycle)
IDM
-24
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
-1.8
A
Avalanche Current (Note 9) L = 0.1mH
IAS
-19
A
Avalanche Energy (Note 9) L = 0.1mH
EAS
18
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation (Note 5 & 7)
TA = +25°C
PD
1.2
W
TA = +70°C
0.9
Total Power Dissipation (Note 5 & 8)
TA = +25°C
1.2
Thermal Resistance, Junction to Ambient (Note 5 & 7)
Steady State
RΘJA
104
°C/W
t<10s
45
Thermal Resistance, Junction to Ambient (Note 5 & 8)
Steady State
100
Total Power Dissipation (Note 6 & 7)
TA = +25°C
PD
1.7
W
TA = +70°C
1.1
Total Power Dissipation (Note 6 & 8)
TA = +25°C
1.8
Thermal Resistance, Junction to Ambient (Note 6 & 7)
Steady State
RΘJA
74
°C/W
t<10s
37
Thermal Resistance, Junction to Ambient (Note 6 & 8)
Steady State
71
Thermal Resistance, Junction to Case (Note 6 & 7)
RΘJC
15
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. Device mounted on FR-4 substrate PC board, 2oz copper, with minimum recommended pad layout.
6. Device mounted on FR-4 substrate PC board, 2oz copper, with 1inch square copper plate.
7. For a dual device with one active die.
8. For a device with two active die running at equal power.
9. IAS and EAS rating are based on low frequency and duty cycles to keep TJ = +25°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com