Electronic Components Datasheet Search
  English  ▼

X  

DMP6110SSD Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP6110SSD
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP6110SSD Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP6110SSD Datasheet HTML 1Page - Diodes Incorporated DMP6110SSD Datasheet HTML 2Page - Diodes Incorporated DMP6110SSD Datasheet HTML 3Page - Diodes Incorporated DMP6110SSD Datasheet HTML 4Page - Diodes Incorporated DMP6110SSD Datasheet HTML 5Page - Diodes Incorporated DMP6110SSD Datasheet HTML 6Page - Diodes Incorporated DMP6110SSD Datasheet HTML 7Page - Diodes Incorporated DMP6110SSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMP6110SSD
Document number: DS37798 Rev. 4 - 2
3 of 8
www.diodes.com
June 2016
© Diodes Incorporated
DMP6110SSD
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 10)
Drain-Source Breakdown Voltage
BVDSS
-60
V
VGS = 0V, ID = -250µA
Zero Gate Voltage Drain Current TJ = +25°C
IDSS
-1
μA
VDS = -48V, VGS = 0V
Gate-Source Leakage
IGSS
100
nA
VGS = ±16V, VDS = 0V
ON CHARACTERISTICS (Note 10)
Gate Threshold Voltage
VGS(TH)
-1
-3
V
VDS = VGS, ID = -250µA
Static Drain-Source On-Resistance
RDS(ON)
105
m
Ω
VGS = -10V, ID = -4.5A
130
VGS = -4.5V, ID =-3.5A
Diode Forward Voltage
VSD
-0.7
-1.2
V
VGS = 0V, IS = -1A
DYNAMIC CHARACTERISTICS (Note 11)
Input Capacitance
CISS

969

pF
VDS = -30V, VGS = 0V, f = 1.0MHz
Output Capacitance
COSS

57

pF
Reverse Transfer Capacitance
CRSS

44

pF
Gate Resistance
RG

13.7

Ω
VDS = 0V, VGS = 0V, f = 1.0MHz
Total Gate Charge (VGS = -4.5V)
QG

8.2

nC
VDS = -30V, ID = -12A
Total Gate Charge (VGS = -10V)
QG

17.2

nC
VDS = -30V, ID = -12A
Gate-Source Charge
QGS

3.0

nC
Gate-Drain Charge
QGD

3.1

nC
Turn-On Delay Time
tD(ON)

4.4

ns
VGS = -10V, VDS = -30V, RGEN =
3
Ω, ID=-12A
Turn-On Rise Time
tR

23

ns
Turn-Off Delay Time
tD(OFF)

34

ns
Turn-Off Fall Time
tF

42

ns
Body Diode Reverse Recovery Time
tRR

13.2

ns
IS = -12A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR

6.18

nC
Notes:
10. Short duration pulse test used to minimize self-heating effect.
11. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com