Electronic Components Datasheet Search
  English  ▼

X  

LM117QML Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM117QML
Description  3-Terminal Adjustable Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM117QML Datasheet(HTML) 2 Page - Texas Instruments

  LM117QML Datasheet HTML 1Page - Texas Instruments LM117QML Datasheet HTML 2Page - Texas Instruments LM117QML Datasheet HTML 3Page - Texas Instruments LM117QML Datasheet HTML 4Page - Texas Instruments LM117QML Datasheet HTML 5Page - Texas Instruments LM117QML Datasheet HTML 6Page - Texas Instruments LM117QML Datasheet HTML 7Page - Texas Instruments LM117QML Datasheet HTML 8Page - Texas Instruments LM117QML Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
N/C
N/C
1
16
N/C
N/C
2
15
ADJ
N/C
3
14
N/C
OUTPUT/SENSE
4
13
INPUT
OUTPUT
5
12
N/C
N/C
6
11
N/C
N/C
7
10
N/C
N/C
8
9
LM117QML, LM117QML-SP
SNVS356D – MARCH 2006 – REVISED APRIL 2013
www.ti.com
CONNECTION DIAGRAMS
CASE IS OUTPUT
CASE IS OUTPUT
Figure 1. 2-Pin TO Metal Can Package
Figure 2. 3-Pin PFM Metal Can Package
Bottom View
Bottom View
See K Package
See NDT0003A Package
For the Ceramic SOIC device to function properly, the "Output" and
"Output/Sense" pins must be connected on the users printed circuit
board.
Figure 3. 16-Pin CFP
Figure 4. 20-Pin LCCC
Top View
Top View
See NAJ0020A Package
Table 1. LM117 Series Packages
Part
Design
Number
Package
Load
Suffix
Current
K
TO
1.5A
H
PFM
0.5A
WG, GW
CFP
0.5A
E
LCCC
0.5A
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM117QML LM117QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com