Electronic Components Datasheet Search
  English  ▼

X  

LM117QML Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM117QML
Description  3-Terminal Adjustable Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM117QML Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM117QML Datasheet HTML 9Page - Texas Instruments LM117QML Datasheet HTML 10Page - Texas Instruments LM117QML Datasheet HTML 11Page - Texas Instruments LM117QML Datasheet HTML 12Page - Texas Instruments LM117QML Datasheet HTML 13Page - Texas Instruments LM117QML Datasheet HTML 14Page - Texas Instruments LM117QML Datasheet HTML 15Page - Texas Instruments LM117QML Datasheet HTML 16Page - Texas Instruments LM117QML Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
LM117QML, LM117QML-SP
www.ti.com
SNVS356D – MARCH 2006 – REVISED APRIL 2013
LM117K RH Electrical Characteristics
AC Parameters
(1)
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
VNO
Output Noise Voltage
VI = 6.25V, IL = -100mA
120
µVRMS
7
VI = 6.25V, ΔVI = 3V,
ΔVO / ΔVI
Line Transient Response
See(2)
18
mV
7
IL = -10mA
VI = 6.25V, ΔIL = -400mA,
ΔVO / ΔIL
Load Transient Response
See(3)
120
mV
7
IL = -100mA
VI = 6.25V, IL = -500mA,
ΔVI / ΔVO
Ripple Rejection
65
dB
4
EI = 1VRMS at ƒ = 2400Hz
(1)
Pre and post irradiation limits are identical to those listed under AC and DC electrical characteristics except as listed in the "Post
Radiation Limits" table. These parts may be dose rate sensitive in a space environment and demonstrate enhanced low dose rate effect.
Radiation end point limits for the noted parameters are ensured only for the conditions as specified in Mil-Std-883, Method 1019.5,
Condition A.
(2)
SMD limit of 6mV/V is equivalent to 18mV
(3)
SMD limit of 0.3mV/V is equivalent to 120mV
LM117K RH Electrical Characteristics
DC Drift Parameters
The following conditions apply, unless otherwise specified.
Deltas performed on QMLV devices at Group B, Subgroup 5, only.
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
VI = 4.25V, IL = -5mA
-0.01
0.01
V
1
VI = 4.25V, IL = -1.5A
-0.01
0.01
V
1
VO
Output Voltage
VI = 41.25V, IL = -5mA
-0.01
0.01
V
1
VI = 41.25V, IL = -200mA
-0.01
0.01
V
1
4.25V
≤ VI ≤ 41.25V,
VRLine
Line Regulation
-4.0
4.0
mV
1
IL = -5mA
VI = 4.25V, IL = -5mA
-10
10
µA
1
IAdj
Adjust Pin Current
VI = 41.25V, IL = -5mA
-10
10
µA
1
VI = 4.25V, RL = 0.833Ω,
-0.01
0.01
V
1
CL = 20µS
VO (Recov)
Output Voltage Recovery
VI = 40V, RL = 250Ω
-0.01
0.01
V
1
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM117QML LM117QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com