Electronic Components Datasheet Search
  English  ▼

X  

LM137H/883 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM137H/883
Description  3-Terminal Adjustable Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM137H/883 Datasheet(HTML) 2 Page - Texas Instruments

  LM137H/883 Datasheet HTML 1Page - Texas Instruments LM137H/883 Datasheet HTML 2Page - Texas Instruments LM137H/883 Datasheet HTML 3Page - Texas Instruments LM137H/883 Datasheet HTML 4Page - Texas Instruments LM137H/883 Datasheet HTML 5Page - Texas Instruments LM137H/883 Datasheet HTML 6Page - Texas Instruments LM137H/883 Datasheet HTML 7Page - Texas Instruments LM137H/883 Datasheet HTML 8Page - Texas Instruments LM137H/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LM137QML
SNVS313D – DECEMBER 2010 – REVISED FEBRUARY 2015
www.ti.com
Table of Contents
6.11
LM137H
RH Electrical Characteristics AC
1
Features .................................................................. 1
Parameters 5962P9951708VXA ................................ 9
2
Applications ........................................................... 1
6.12
LM137H
RH Electrical Characteristics DC
3
Description ............................................................. 1
Parameters
Drift Values 5962P9951708VXA.......... 9
4
Revision History..................................................... 2
6.13
LM137H
RH Electrical Characteristics DC
Parameters
Post Radiation Limits +25°C
5
Pin Configuration and Functions ......................... 3
5962P9951708VXA.................................................... 9
6
Specifications......................................................... 4
6.14
Typical Performance Characteristics .................... 10
6.1
Absolute Maximum Ratings ...................................... 4
7
Detailed Description ............................................ 12
6.2
ESD Ratings.............................................................. 4
7.1
Functional Block Diagram ....................................... 12
6.3
Recommended Operating Conditions ....................... 4
8
Application and Implementation ........................ 13
6.4
Thermal Information ................................................. 4
8.1
Application Information and Schematic Diagram .... 13
6.5
Quality Conformance Inspection ............................... 5
8.2
Typical Applications ................................................ 13
6.6
LM137H
883 Electrical Characteristics DC
Parameters................................................................. 6
9
Power Supply Recommendations ...................... 16
6.7
LM137H
883 Electrical Characteristics AC
9.1
Thermal Regulation................................................. 16
Parameters................................................................. 6
10
Device and Documentation Support ................. 17
6.8
LM137K
883 Electrical Characteristics DC
10.1
Trademarks ........................................................... 17
Parameters................................................................. 7
10.2
Electrostatic Discharge Caution ............................ 17
6.9
LM137K
883 Electrical Characteristics AC
10.3
Glossary ................................................................ 17
Parameters................................................................. 7
11
Mechanical, Packaging, and Orderable
6.10
LM137H
RH Electrical Characteristics DC
Parameters 5962P9951708VXA ................................ 8
Information ........................................................... 17
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (April 2013) to Revision D
Page
•
Added, updated, or renamed the following sections: Device Information table, Specifications, Feature Description,
Layout, Application and Implementation, Power supply Recommendations, Device and Documentation Support,
Mechanical, Packaging, and Ordering Information................................................................................................................. 1
•
Changed Vout Recovery condition from -4.25 V to -40 V ..................................................................................................... 9
Changes from Revision B (March 2013) to Revision C
Page
•
Changed layout of National Data Sheet to TI format. ........................................................................................................... 1
Changes from Revision A (December 2010) to Revision B
Page
•
Added new LM137H1PQMLV to Ordering Information .......................................................................................................... 1
•
Added to the HEADER of DC Parameters — Post Radiation Limits 5962P9951701VXA. Added the HEADER and
TABLE of DC Parameters — Post Radiation Limits 5962P9951708VXA for Electrical Characteristics tables...................... 6
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: LM137QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com