Electronic Components Datasheet Search
  English  ▼

X  

LM137H/883 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM137H/883
Description  3-Terminal Adjustable Negative Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM137H/883 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM137H/883 Datasheet HTML 9Page - Texas Instruments LM137H/883 Datasheet HTML 10Page - Texas Instruments LM137H/883 Datasheet HTML 11Page - Texas Instruments LM137H/883 Datasheet HTML 12Page - Texas Instruments LM137H/883 Datasheet HTML 13Page - Texas Instruments LM137H/883 Datasheet HTML 14Page - Texas Instruments LM137H/883 Datasheet HTML 15Page - Texas Instruments LM137H/883 Datasheet HTML 16Page - Texas Instruments LM137H/883 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM137QML
www.ti.com
SNVS313D – DECEMBER 2010 – REVISED FEBRUARY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information and Schematic Diagram
Full output current not available at high input-output voltages
†C1 = 1
μF solid tantalum or 10 μF aluminum electrolytic required for stability
*C2 = 1
μF solid tantalum is required only if regulator is more than 4″ from power-supply filter capacitor
Output capacitors in the range of 1
μF to 1000 μF of aluminum or tantalum electrolytic are commonly used to provide
improved output impedance and rejection of transients
Figure 14. Adjustable Negative Voltage Regulator
8.2 Typical Applications
Full output current not available
at high input-output voltages
*The 10
μF capacitors are optional to improve ripple rejection
Figure 15. Adjustable Lab Voltage Regulator
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM137QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com