Electronic Components Datasheet Search
  English  ▼

X  

CER0786A Datasheet(PDF) 2 Page - CTS Corporation

Part # CER0786A
Description  Surface mount, Silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0786A Datasheet(HTML) 2 Page - CTS Corporation

  CER0786A Datasheet HTML 1Page - CTS Corporation CER0786A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CER0786A
722 MHz BPF
Mechanical Drawing
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 4800 Alameda Blvd. NE – Albuquerque, NM 87113-
Electrical response
PCB Layout
Packaging and Marking
Dim Nominal (mm)
Tolerance (mm)
+/- or max
A
9.91
max
B
9.78
max
C
1.53
0.13
D
0.95
0.13
E
0.95
0.13
F
1.53
0.13
G
4.94
0.13
H
4.00
max
I
1.53
0.13
J
1.46
0.13
DIMENSION
UNITS
SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
1.6
REEL QUANTITY
ea.
1000
Customer Feed Direction
Product Marking
CTS
786
YWW
Revision B - Origin Date: February 17, 2010 – Revision Date: July 11, 2011
-80
-70
-60
-50
-40
-30
-20
-10
0
500
600
700
800
900
1000
-40
-30
-20
-10
0
10
20
30
40
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945" / 24.0 0.449" / 11.4 0.402" / 10.2 0.169" / 4.3 0.630" / 16.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com