Electronic Components Datasheet Search
  English  ▼

X  

CER0786A Datasheet(PDF) 1 Page - CTS Corporation

Part # CER0786A
Description  Surface mount, Silver (Ag) coated ceramic filter.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

CER0786A Datasheet(HTML) 1 Page - CTS Corporation

  CER0786A Datasheet HTML 1Page - CTS Corporation CER0786A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CER0786A
722 MHz BPF
Revision B - Origin Date: February 17, 2010 – Revision Date: July 11, 2011
Features
•Low Loss
• Low Ripple
• Small Size
Description
Surface mount, silver (Ag) coated ceramic
filter for use in broadband applications.
Weight: 1.6 grams typical
Material:
Filter is composed of a ceramic
block plated with Ag
Filter complies with RoHS standards.
Electrical Specifications
Parameter
Frequency
MHz
Typical
@ 25ºC
Specification
@ 25ºC
Spec over
-40ºC to +85ºC
Passband Iloss
698 - 746
-1.5
-1.8
-2.0
Passband Ripple
698 - 746
0.8
1.3
1.5
Passband Return Loss @ Port 1
698 - 746
-12.5
-11.0
-11.0
Passband Return Loss @ Port 2
698 - 746
-12.5
-11.0
-11.0
Attenuation
560 - 668
-18.9
-15.0
-15.0
824 - 849
-30.7
-25.0
-25.0
849 - 970
-39.2
-35.0
-35.0
Power into any port
4 Watt max
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
- CTS Electronic Components - www.ctscorp.com - 4800 Alameda Blvd. NE – Albuquerque, NM 87113-


Similar Part No. - CER0786A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0781A CTS-CER0781A Datasheet
91Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0783A CTS-CER0783A Datasheet
100Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0787B CTS-CER0787B Datasheet
85Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer.
CER0789A CTS-CER0789A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated barium ceramic filter.
More results

Similar Description - CER0786A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0206A CTS-CER0206A Datasheet
144Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0213C CTS-CER0213C Datasheet
61Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0220A CTS-CER0220A Datasheet
62Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0230A CTS-CER0230A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
CER0231A CTS-CER0231A Datasheet
71Kb / 2P
Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com