Electronic Components Datasheet Search
  English  ▼

X  

AS2522BF Datasheet(PDF) 11 Page - ams AG

Part # AS2522BF
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2522BF Datasheet(HTML) 11 Page - ams AG

Back Button AS2522BF Datasheet HTML 7Page - ams AG AS2522BF Datasheet HTML 8Page - ams AG AS2522BF Datasheet HTML 9Page - ams AG AS2522BF Datasheet HTML 10Page - ams AG AS2522BF Datasheet HTML 11Page - ams AG AS2522BF Datasheet HTML 12Page - ams AG AS2522BF Datasheet HTML 13Page - ams AG AS2522BF Datasheet HTML 14Page - ams AG AS2522BF Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet AS2522B
austriamicrosystems
Revision 3.4
Page 11 of 19
Electrical characteristics
Electrical characteristics are measured with the Test Circuit
application. Typical mean values will not be tested.
Absolute maximum ratings
Positive Supply Voltage
-0.3V <= VDD <= 7V
Input Current
+/- 25mA
Input Voltage (LS)
-0.3V <= Vin <= 12V
Input Voltage (LI, CS)
-0.3V <= Vin <= 8V
Input Voltage (STB, RI)
-2V <= Vin <= VDD+0.3V
Digital Input Voltage
-0.3V <= Vin <= VDD+0.3V
Electrostatic Discharge (HBM 1.5k
Ω-100pF)
+/- 1000V
Storage Temperature
-65°C to +125°C
Recommended operating conditions
Supply Voltage (generated internally)
3V <= VDD <= 5V
Operating Temperature
-25°C to +70°C
DC characteristics
ILine=15mA w/o operation of any additional external
circuitry, unless other specified
Symbol
Parameter
Conditions
Min
Type
Max
Units
Test
IDDS
Operating Current
Speech Mode
3
6
mA
Y
IDDH
Operating Current
Handsfree Mode
7
10
mA
Y
VLI
Line Voltage LIVolt=0
Line Voltage LIVolt=1
15mA<=ILINE<=100mA
3.2
4.2
3.5
4.5
3.8
4.8
V
V
Y
Y
IOL
Output Current, Sink
CS,SS
VOL=0.4V
1
mA
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com