Electronic Components Datasheet Search
  English  ▼

X  

AS2522BF Datasheet(PDF) 3 Page - ams AG

Part # AS2522BF
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2522BF Datasheet(HTML) 3 Page - ams AG

  AS2522BF Datasheet HTML 1Page - ams AG AS2522BF Datasheet HTML 2Page - ams AG AS2522BF Datasheet HTML 3Page - ams AG AS2522BF Datasheet HTML 4Page - ams AG AS2522BF Datasheet HTML 5Page - ams AG AS2522BF Datasheet HTML 6Page - ams AG AS2522BF Datasheet HTML 7Page - ams AG AS2522BF Datasheet HTML 8Page - ams AG AS2522BF Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet AS2522B
austriamicrosystems
Revision 3.4
Page 3 of 19
Pin #
Symbol
Function
22
VPP
Loudspeaker Power Supply
High power supply for the output driver stage
21
CM
Converter Make Output
This is an output for controlling the external switching converter. During ringing it converts the
ring signal into a 4V supply voltage
27
xCS
Chip Select
Chip select input of the serial interface. Internal pull-up resistor ( 100kOhm )
29
DI
Data Input
Data input of the serial interface. Internal pull-up resistor ( 100kOhm )
30
CLK
Clock
Clock input of the serial interface. Internal pull-up resistor ( 100kOhm )
28
DO
Data Output
Data output of the serial interface. If xCS=1 DO is in HI-Z state
24
23
LO1
LO2
Loudspeaker Output 1 and 2
Output pins for a 50
Ω loudspeaker
1
FT1
Analog input pin for connecting a capacitor for offset cancellation.
2
FT2
Analog input pin for connecting a capacitor for offset cancellation.
20
CBN
Analog input pin for connecting a capacitor for background noise monitoring.
15
RECI
Analog input for the handsfree receive path. Should be connected to RO via coupling
capacitor.
16
RECV
Analog input for receive voice switching path.
25
VSSA
Power supply pin for LS1-LS2 output amplifier.
32
VSSD
Voltage Source Source Digital
Negative Digital Power Supply
26
VDDD
Voltage Drain Drain Digital
Positive Digital Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com