Electronic Components Datasheet Search
  English  ▼

X  

AT49BV320CT Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT49BV320CT
Description  32-megabit (2M x 16) 3-volt Only Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV320CT Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT49BV320CT Datasheet HTML 21Page - ATMEL Corporation AT49BV320CT Datasheet HTML 22Page - ATMEL Corporation AT49BV320CT Datasheet HTML 23Page - ATMEL Corporation AT49BV320CT Datasheet HTML 24Page - ATMEL Corporation AT49BV320CT Datasheet HTML 25Page - ATMEL Corporation AT49BV320CT Datasheet HTML 26Page - ATMEL Corporation AT49BV320CT Datasheet HTML 27Page - ATMEL Corporation AT49BV320CT Datasheet HTML 28Page - ATMEL Corporation AT49BV320CT Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
AT49BV320C(T)
3372D–FLASH–5/04
AC Word Load Waveforms
WE Controlled
CE Controlled
AC Word Load Characteristics
Symbol
Parameter
Min
Max
Units
t
AS, tOES
Address, OE Setup Time
45
ns
t
AH
Address Hold Time
0
ns
t
CS
Chip Select Setup Time
0
ns
t
CH
Chip Select Hold Time
0
ns
t
WP
Write Pulse Width (WE or CE)40
ns
t
DS
Data Setup Time
45
ns
t
DH, tOEH
Data, OE Hold Time
0
ns
t
WPH
Write Pulse Width High
30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com