Electronic Components Datasheet Search
  English  ▼

X  

SCAN25100TYA/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # SCAN25100TYA/NOPB
Description  SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCAN25100TYA/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  SCAN25100TYA/NOPB Datasheet HTML 1Page - Texas Instruments SCAN25100TYA/NOPB Datasheet HTML 2Page - Texas Instruments SCAN25100TYA/NOPB Datasheet HTML 3Page - Texas Instruments SCAN25100TYA/NOPB Datasheet HTML 4Page - Texas Instruments SCAN25100TYA/NOPB Datasheet HTML 5Page - Texas Instruments SCAN25100TYA/NOPB Datasheet HTML 6Page - Texas Instruments SCAN25100TYA/NOPB Datasheet HTML 7Page - Texas Instruments SCAN25100TYA/NOPB Datasheet HTML 8Page - Texas Instruments SCAN25100TYA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
LOS
CDET
VSEL
LOCKB
IOVDD
RES1
RES2
TXPWDNB
RXPWDNB
RESETB
SPMODE[0]
PE[0]
AVDD18
EQ[0]
EQ[1]
OPMODE
LOOP[0]
LOOP[1]
51
PE[1]
GND
IOVDD
CALIGN_EN
RXCLKMODE
SPMODE[1]
TENBMODE
SCAN25100
52
53
54
55
56
57
58
59
60
61
72
62
63
64
65
66
67
68
69
70
71
73
74
33
32
31
30
29
28
27
26
75
25
24
23
22
21
20
19
18
17
16
15
4
14
13
12
11
10
9
8
7
6
5
3
2
1
41
40
39
38
37
36
35
34
49
48
47
46
45
44
43
42
50
93
94
95
96
97
98
99
100
85
86
87
88
89
90
91
92
77
78
79
80
81
82
83
84
76
GND
AVDD18
TRSTB
GND
IOVDD
TCK
AVDD33
ADD1
ADD2
MDIO
MDC
TMS
TDO
AVDD18
ADD0
AVDD18
GND
GND
TDI
GND
GND
ADD3
ADD4
PVDD33
PVDD33
PIN 101
ON BOTTOM OF PKG
DAP / GND
ROUT [0:9]
PLL
Parallel
to
Serial
De-
Emphasis
DOUT r
REFCLK (30.72 MHz)
MDIO
Rate Select etc.
Pin Control
Pattern
Generator
RIN r
DIN [0:9]
TXCLK
RXCLK
LOS
SYSCLK (30.72 MHz)
8b/10b
Encoder
Pattern
Verifier
JTAG
Serial
to
Parrallel
CDR
8b/10b
Decoder
Equalizer
Control
Precision Delay Calibration
Measurement
Link Status (Lock, LOS, LOF, etc.)
Configuration (Loopback, Rate, BIST, etc.)
Delay Calibration (Enable, Measurement)
REFCLK
CDR
Clock
SCAN25100
SNLS223C – SEPTEMBER 2006 – REVISED APRIL 2013
www.ti.com
Block Diagram
Pin Diagram
Figure 1. SCAN25100- Top View
100–Pin HTQFP with Exposed Ground Pad
See Package Drawing PFD0100B
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: SCAN25100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com