Electronic Components Datasheet Search
  English  ▼

X  

SE3335 Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE3335
Description  500mA Low Noise CMOS LDO Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE3335 Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE3335 Datasheet HTML 1Page - Seaward Electronics Inc. SE3335 Datasheet HTML 2Page - Seaward Electronics Inc. SE3335 Datasheet HTML 3Page - Seaward Electronics Inc. SE3335 Datasheet HTML 4Page - Seaward Electronics Inc. SE3335 Datasheet HTML 5Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com.cn • Page
1
9/4/2012
SE3335 (Preliminary)
500mA Low Noise CMOS LDO Regulator
Application Circuit
General Description
The SE3335 is an efficient linear voltage
regulator with ultra-low-noise output, very low dropout
voltage, and very low ground current. Designed
specially
for
battery-powered
devices,
SE3335
includes an enable/shutdown control function. During
shutdown, power consumption drops nearly to zero.
Reversed leakage protection, current limiting, and
over temperature protection are also included.
The SE3335 is available in an adjustable version in a
SOT23-5 and PSOP-8 package, which can set the
output voltage with only two external resistors.
Features
Output current up to 500mA
Low dropout voltage 600mV(Typ) at 500mA
Low ground current 65uA
short-current protection
Over-temperature protection
4 V to 18 V Supply Range
Low Shutdown Current
Requires Only 1uF Output Capacitance for
Stability
No external components are required
100% Lead (Pb)-Free
Applications
PCMCIA Card
Cellular Phones
Camcorders and Cameras
Networking Systems, DSL/Cable Modems
Cable Set-Top Box
MP3/CD Players
DSP Supply
Displays and Monitors


Similar Part No. - SE3335

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SE33 MICROCHIP-SE33 Datasheet
5Mb / 478P
64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
2010-2012
logo
Epson ToYoCom
SE3307 EPSONTOYOCOM-SE3307 Datasheet
258Kb / 1P
CYLINDER
logo
Seaward Electronics Inc...
SE3362 SEAWARD-SE3362 Datasheet
329Kb / 8P
4-Channel Regulated Charge Pump White LED Driver
logo
Crystek Corporation
SE3390 CRYSTEKCRYSTAL-SE3390 Datasheet
106Kb / 1P
Clock Oscillator 8 Pin Dip, 3.3V, HCMOS
SE3390-44.736 CRYSTEKCRYSTAL-SE3390-44.736 Datasheet
106Kb / 1P
Clock Oscillator 8 Pin Dip, 3.3V, HCMOS
More results

Similar Description - SE3335

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
500mA Low-Noise LDO Regulator
logo
California Micro Device...
CM3019 CALMIRCO-CM3019 Datasheet
178Kb / 8P
Micropower, 500mA Low Noise CMOS LDO Regulator
CM3016-48 CALMIRCO-CM3016-48 Datasheet
216Kb / 10P
Micropower, 4.75V/500mA Low Noise CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209 MICREL-MIC5209_04 Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Regulator
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
500mA Low-Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
LOW NOISE 500mA LDO REGULATOR
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com