Electronic Components Datasheet Search
  English  ▼

X  

SE3335 Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE3335
Description  500mA Low Noise CMOS LDO Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE3335 Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE3335 Datasheet HTML 1Page - Seaward Electronics Inc. SE3335 Datasheet HTML 2Page - Seaward Electronics Inc. SE3335 Datasheet HTML 3Page - Seaward Electronics Inc. SE3335 Datasheet HTML 4Page - Seaward Electronics Inc. SE3335 Datasheet HTML 5Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com.cn • Page
2
9/4/2012
SE3335 (Preliminary)
500mA Low Noise CMOS LDO Regulator
Pin Configuration
Pin name
Description
Vout
Regulated output voltage. Bypass to ground with Cout ≧1.0uF
Adj
Adjustable pin;
reference voltage=1.25V
GND
Power Supply Ground
FB
Feedback pin
EN
Shutdown pin. When not in use, this pin should be connected to the input pin.
Vin
Power supply Input Voltage
NC
Not Connected
Absolute Maximum Rating
Parameter
Symbol
Maximum
Units
Input Voltage
VIN
18
V
Operating Junction Temperature Range
TJ
-40 to +125
°C
Thermal Resistance
θ
JA
45(SOT23-5)
150(SOP8)
°C/W
Lead Temperature (Soldering) 10 seconds
TLEAD
260
°C
Storage Temperature
TSTG
-65 to +150
°C
ESD (HBM) Susceptibility
VESD
2
KV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com