Electronic Components Datasheet Search
  English  ▼

X  

IXTH20N65X Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTH20N65X
Description  Preliminary Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH20N65X Datasheet(HTML) 5 Page - IXYS Corporation

  IXTH20N65X Datasheet HTML 1Page - IXYS Corporation IXTH20N65X Datasheet HTML 2Page - IXYS Corporation IXTH20N65X Datasheet HTML 3Page - IXYS Corporation IXTH20N65X Datasheet HTML 4Page - IXYS Corporation IXTH20N65X Datasheet HTML 5Page - IXYS Corporation IXTH20N65X Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
IXYS REF: T_20N65X(J4) 6-17-15-A
IXTA20N65X
IXTP20N65X
IXTH20N65X
Fig. 15. Maximum Transient Thermal Impedance
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 14. Forward-Bias Safe Operating Area
0.01
0.1
1
10
100
10
100
1,000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
25µs
1ms
100µs
RDS(on) Limit
10ms
100ms
DC
Fig. 13. Output Capacitance Stored Energy
0
2
4
6
8
10
12
14
16
0
100
200
300
400
500
600
VDS - Volts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com