Electronic Components Datasheet Search
  English  ▼

X  

IXTH20N65X Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH20N65X
Description  Preliminary Technical Information
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH20N65X Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH20N65X Datasheet HTML 1Page - IXYS Corporation IXTH20N65X Datasheet HTML 2Page - IXYS Corporation IXTH20N65X Datasheet HTML 3Page - IXYS Corporation IXTH20N65X Datasheet HTML 4Page - IXYS Corporation IXTH20N65X Datasheet HTML 5Page - IXYS Corporation IXTH20N65X Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
DS100564E(6/15)
X-Class
Power MOSFET
N-Channel Enhancement Mode
IXTA20N65X
IXTP20N65X
IXTH20N65X
V
DSS
= 650V
I
D25
= 20A
R
DS(on)
 210m
Features
International Standard Packages
Low R
DS(ON) and QG
Low Package Inductance
Advantages
High Power Density
Easy to Mount
Space Savings
Applications
Switch-Mode and Resonant-Mode
Power Supplies
DC-DC Converters
PFC Circuits
AC and DC Motor Drives
Robotics and Servo Controls
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
650
V
V
GS(th)
V
DS = VGS, ID = 250μA
3.0
5.5
V
I
GSS
V
GS = 30V, VDS = 0V
100 nA
I
DSS
V
DS = VDSS, VGS = 0V
5
A
T
J = 125C
50
A
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
210 m
G = Gate
D
= Drain
S = Source
Tab = Drain
G D
S
TO-220 (IXTP)
D (Tab)
Preliminary Technical Information
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
650
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
650
V
V
GSS
Continuous
30
V
V
GSM
Transient
40
V
I
D25
T
C = 25C20
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
40
A
dv/dt
I
S
 I
D25, VDD  VDSS, TJ  150°C
30
V/ns
P
D
T
C = 25C
320
W
T
J
-55 ... +150
C
T
JM
150
C
T
stg
-55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
F
C
Mounting Force (TO-263)
10.65 / 2.2..14.6
N/lb
M
d
Mounting Torque (TO-220 & TO-247)
1.13 / 10
Nm/lb.in
Weight
TO-263
2.5
g
TO-220
3.0
g
TO-247
6.0
g
TO-263 (IXTA)
G
S
D (Tab)
TO-247 (IXTH)
G
S
D (Tab)
D


Similar Part No. - IXTH20N65X

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH20N65X ISC-IXTH20N65X Datasheet
381Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH20N65X

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
IXTY8N65X2 IXYS-IXTY8N65X2 Datasheet
244Kb / 5P
Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
Preliminary Technical Information
IXXH75N60C3 IXYS-IXXH75N60C3 Datasheet
175Kb / 6P
Preliminary Technical Information
IXXN200N60B3H1 IXYS-IXXN200N60B3H1 Datasheet
195Kb / 7P
Preliminary Technical Information
IXYA15N65C3D1 IXYS-IXYA15N65C3D1 Datasheet
220Kb / 6P
Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com