Electronic Components Datasheet Search
  English  ▼

X  

SN74HC244DBLE Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74HC244DBLE
Description  Octal Buffers and Line Drivers With 3-State Outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC244DBLE Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74HC244DBLE Datasheet HTML 6Page - Texas Instruments SN74HC244DBLE Datasheet HTML 7Page - Texas Instruments SN74HC244DBLE Datasheet HTML 8Page - Texas Instruments SN74HC244DBLE Datasheet HTML 9Page - Texas Instruments SN74HC244DBLE Datasheet HTML 10Page - Texas Instruments SN74HC244DBLE Datasheet HTML 11Page - Texas Instruments SN74HC244DBLE Datasheet HTML 12Page - Texas Instruments SN74HC244DBLE Datasheet HTML 13Page - Texas Instruments SN74HC244DBLE Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
10
SN54HC244, SN74HC244
SCLS130E – DECEMBER 1982 – REVISED MAY 2016
www.ti.com
Product Folder Links: SN54HC244 SN74HC244
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
Parameter Measurement Information (continued)
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by
the output control. Waveform 2 is for an output with internal conditions such that the output is high except
when disabled by the output control.
C. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by
generators having the following characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
D. The outputs are measured one at a time with one input transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
Table 1. Switching Information Table
PARAMETER
RL
CL
S1
S2
ten
tPZH
1 k
Ω
50 pF or 150 pF
Open
Closed
tPZL
1 k
Ω
50 pF or 150 pF
Closed
Open
tdis
tPHZ
1 k
Ω
50 pF
Open
Closed
tPLZ
1 k
Ω
50 pF
Closed
Open
tpd or tt
—
50 pF or 150 pF
Open
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com