Electronic Components Datasheet Search
  English  ▼

X  

SN74HC244DBLE Datasheet(PDF) 12 Page - Texas Instruments

Part # SN74HC244DBLE
Description  Octal Buffers and Line Drivers With 3-State Outputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC244DBLE Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74HC244DBLE Datasheet HTML 8Page - Texas Instruments SN74HC244DBLE Datasheet HTML 9Page - Texas Instruments SN74HC244DBLE Datasheet HTML 10Page - Texas Instruments SN74HC244DBLE Datasheet HTML 11Page - Texas Instruments SN74HC244DBLE Datasheet HTML 12Page - Texas Instruments SN74HC244DBLE Datasheet HTML 13Page - Texas Instruments SN74HC244DBLE Datasheet HTML 14Page - Texas Instruments SN74HC244DBLE Datasheet HTML 15Page - Texas Instruments SN74HC244DBLE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
1OE
A1
x
x
x
A4
GND
VCC
SN74HC244
MCU or
System
Logic
Regulated 3V
MCU System
Logic LEDS
Y1
x
x
x
Y4
x
x
x
x
x
x
Copyright © 2016, Texas Instruments Incorporated
12
SN54HC244, SN74HC244
SCLS130E – DECEMBER 1982 – REVISED MAY 2016
www.ti.com
Product Folder Links: SN54HC244 SN74HC244
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
SN74HC244 is a high-drive CMOS device that can be used for a multitude of bus interface type applications
where output drive or PCB trace length is a concern.
9.2 Typical Application
Figure 6. SN74HC244 Application Schematic
9.2.1 Design Requirements
This device uses CMOS technology and has balanced output drive. Take care to avoid bus contention because it
can drive currents that would exceed maximum limits. The high drive also creates fast edges into light loads so
routing and load conditions should be considered to prevent ringing.
9.2.2 Detailed Design Procedure
1. Recommended input conditions:
–
For rise time and fall time specifications, see
Δt/ΔV in Recommended Operating Conditions.
–
For specified high and low levels, see VIH and VIL in Recommended Operating Conditions.
2. Recommend output conditions:
–
Load currents should not exceed IO max per output and should not exceed the continuous current through
VCC or GND total current for the part. These limits are located in Absolute Maximum Ratings.
–
Outputs should not be pulled above VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com