Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2671 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 17Page - Texas Instruments LM2671 Datasheet HTML 18Page - Texas Instruments LM2671 Datasheet HTML 19Page - Texas Instruments LM2671 Datasheet HTML 20Page - Texas Instruments LM2671 Datasheet HTML 21Page - Texas Instruments LM2671 Datasheet HTML 22Page - Texas Instruments LM2671 Datasheet HTML 23Page - Texas Instruments LM2671 Datasheet HTML 24Page - Texas Instruments LM2671 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
LM2671
www.ti.com
SNVS008L – SEPTEMBER 1998 – REVISED JUNE 2016
Product Folder Links: LM2671
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
9.2.2.1 Design Requirements
Table 7 lists the design parameters for this example.
Table 7. Design Parameters
PARAMETER
VALUE
Regulated output voltage, VOUT
20 V
Maximum input voltage, VIN(max)
28 V
Maximum load current, ILOAD(max)
500 mA
Switching frequency, F
Fixed at a nominal 260 kHz
9.2.2.2 Detailed Design Procedure
9.2.2.2.1
Programming Output Voltage
Select R1 and R2, as shown in Figure 21.
Use the following formula to select the appropriate resistor values.
where
•
VREF = 1.21 V
(3)
Select R1 to be 1 kΩ, 1%. Solve for R2.
(4)
Select a value for R1 between 240 Ω and 1.5 kΩ. The lower resistor values minimize noise pickup in the sensitive
feedback pin. For the lowest temperature coefficient and the best stability with time, use 1% metal film resistors.
(5)
R2 = 1 kΩ (16.53 − 1) = 15.53 kΩ, closest 1% value is 15.4 kΩ.
R2 = 15.4 kΩ.
9.2.2.2.2
Inductor Selection (L1)
1. Calculate the inductor Volt • microsecond constant E • T (V • μs) from Equation 6.
where
•
VSAT = internal switch saturation voltage = 0.25 V
•
VD = diode forward voltage drop = 0.5 V
(6)
Calculate the inductor Volt • microsecond constant (E • T) with Equation 7.
(7)
2. Use the E • T value from the previous formula and match it with the E • T number on the vertical axis of the
inductor value selection guide shown in Figure 20.
E • T = 21.6 (V • μs)
(8)
3. On the horizontal axis, select the maximum load current in Equation 9.
ILOAD(max) = 500 mA
(9)
4. Identify the inductance region intersected by the E • T value and the maximum load current value. Each
region is identified by an inductance value and an inductor code (LXX). From the inductor value selection
guide shown in Figure 20, the inductance region intersected by the 21.6 (V • μs) horizontal line and the 500-
mA vertical line is 100 μH, and the inductor code is L20.
5. Select an appropriate inductor from the four manufacturer's part numbers listed in Table 2. For information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com