Electronic Components Datasheet Search
  English  ▼

X  

LM2671 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM2671
Description  LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2671 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2671 Datasheet HTML 9Page - Texas Instruments LM2671 Datasheet HTML 10Page - Texas Instruments LM2671 Datasheet HTML 11Page - Texas Instruments LM2671 Datasheet HTML 12Page - Texas Instruments LM2671 Datasheet HTML 13Page - Texas Instruments LM2671 Datasheet HTML 14Page - Texas Instruments LM2671 Datasheet HTML 15Page - Texas Instruments LM2671 Datasheet HTML 16Page - Texas Instruments LM2671 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
13
LM2671
www.ti.com
SNVS008L – SEPTEMBER 1998 – REVISED JUNE 2016
Product Folder Links: LM2671
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM2671 is a step-down DC-DC regulator. The device is typically used to convert a higher DC voltage to a
lower DC voltage with a maximum output current of 0.5 A. The following design procedure can be used to select
components for the LM2671. Alternately, the WEBENCH® software may be used to generate complete designs.
When generating a design, the WEBENCH software uses iterative design procedure and accesses
comprehensive databases of components. See ti.com for more details.
When the output voltage is greater than approximately 6 V, and the duty cycle at minimum input voltage is
greater than approximately 50%, the designer must exercise caution in selection of the output filter components.
When an application designed to these specific operating conditions is subjected to a current limit fault condition,
it may be possible to observe a large hysteresis in the current limit. This can affect the output voltage of the
device until the load current is reduced sufficiently to allow the current limit protection circuit to reset itself.
Under current limiting conditions, the LM267x is designed to respond in the following manner:
1. At the moment when the inductor current reaches the current limit threshold, the ON-pulse is immediately
terminated. This happens for any application condition.
2. However, the current limit block is also designed to momentarily reduce the duty cycle to below 50% to avoid
subharmonic oscillations, which could cause the inductor to saturate.
3. Therefore, once the inductor current falls below the current limit threshold, there is a small relaxation time
during which the duty cycle progressively rises back above 50% to the value required to achieve regulation.
If the output capacitance is sufficiently large, it might be possible that as the output tries to recover, the output
capacitor charging current is large enough to repeatedly re-trigger the current limit circuit before the output has
fully settled. This condition is exacerbated with higher output voltage settings because the energy requirement of
the output capacitor varies as the square of the output voltage (½ CV2), thus requiring an increased charging
current. A simple test to determine if this condition might exist for a suspect application is to apply a short circuit
across the output of the converter, and then remove the shorted output condition. In an application with properly
selected external components, the output recovers smoothly. Practical values of external components that have
been experimentally found to work well under these specific operating conditions are COUT = 47 µF, L = 22 µH.
NOTE
Even with these components, for a device’s current limit of ICLIM, the maximum load
current under which the possibility of the large current limit hysteresis can be minimized is
ICLIM/2.
For example, if the input is 24 V and the set output voltage is 18 V, then for a desired maximum current of 1.5 A,
the current limit of the chosen switcher must be confirmed to be at least 3 A. Under extreme overcurrent or short-
circuit conditions, the LM267X employs frequency foldback in addition to the current limit. If the cycle-by-cycle
inductor current increases above the current limit threshold (due to short circuit or inductor saturation for
example) the switching frequency is automatically reduced to protect the IC. Frequency below 100 kHz is typical
for an extreme short-circuit condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com