Electronic Components Datasheet Search
  English  ▼

X  

LM3103 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3103
Description  SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3103 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3103 Datasheet HTML 3Page - Texas Instruments LM3103 Datasheet HTML 4Page - Texas Instruments LM3103 Datasheet HTML 5Page - Texas Instruments LM3103 Datasheet HTML 6Page - Texas Instruments LM3103 Datasheet HTML 7Page - Texas Instruments LM3103 Datasheet HTML 8Page - Texas Instruments LM3103 Datasheet HTML 9Page - Texas Instruments LM3103 Datasheet HTML 10Page - Texas Instruments LM3103 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LM3103
www.ti.com
SNVS523F – SEPTEMBER 2007 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
All curves are taken at VIN = 18V with the configuration in the typical application circuit for VOUT = 3.3V shown in this
datasheet. TA = 25°C, unless otherwise specified.
Enable Transient
Shutdown Transient
(VOUT = 3.3V, 0.75A Loaded)
(VOUT = 3.3V, 0.75A Loaded)
Figure 14.
Figure 15.
Continuous Mode Operation
Discontinuous Mode Operation
(VOUT = 3.3V, 2.5A Loaded)
(VOUT = 3.3V, 0.02A Loaded)
Figure 16.
Figure 17.
Load Transient
DCM to CCM Transition
(VOUT = 3.3V, 0.075A - 0.75A Load, Current slew-rate:
(VOUT = 3.3V, 0.01A - 0.75A Load)
2.5A/µs)
Figure 18.
Figure 19.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com