Electronic Components Datasheet Search
  English  ▼

X  

LM3103 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3103
Description  SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3103 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3103 Datasheet HTML 7Page - Texas Instruments LM3103 Datasheet HTML 8Page - Texas Instruments LM3103 Datasheet HTML 9Page - Texas Instruments LM3103 Datasheet HTML 10Page - Texas Instruments LM3103 Datasheet HTML 11Page - Texas Instruments LM3103 Datasheet HTML 12Page - Texas Instruments LM3103 Datasheet HTML 13Page - Texas Instruments LM3103 Datasheet HTML 14Page - Texas Instruments LM3103 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
8.3 x 10
-11
VIN(MAX) x 100 ns
RON t
LM3103
www.ti.com
SNVS523F – SEPTEMBER 2007 – REVISED APRIL 2013
N-Channel MOSFET and Driver
The LM3103 integrates an N-Channel main MOSFET and an associated floating high voltage main MOSFET
gate driver. The gate drive circuit works in conjunction with an external bootstrap capacitor CBST and an internal
high voltage diode. CBST connected between the BST and SW pins powers the main MOSFET gate driver during
the main MOSFET on-time. During each off-time, the voltage of the SW pin falls to approximately -1V, and CBST
charges from VCC through the internal diode. The minimum off-time of 240 ns provides enough time for charging
CBST in each cycle.
Soft-Start
The soft-start feature allows the converter to gradually reach a steady state operating point, thereby reducing
startup stresses and current surges. Upon turn-on, after VCC reaches the under-voltage threshold and a 180 µs
fixed delay, a 70 µA internal current source charges an external capacitor CSS connecting to the SS pin. The
ramping voltage at the SS pin (and the non-inverting input of the regulation comparator as well) ramps up the
output voltage VOUT in a controlled manner. An internal switch grounds the SS pin if any of the following three
cases happen: (i) VCC is below the under-voltage lockout threshold; (ii) a thermal shutdown occurs; or (iii) the EN
pin is grounded. Alternatively, the output voltage can be shut off by connecting the SS pin to the ground using an
external switch. Releasing the switch allows the voltage of the SS pin to ramp up and the output voltage to return
to normal. The shutdown configuration is shown in Figure 22.
Figure 22. Alternate Shutdown Implementation
Thermal Protection
The junction temperature of the LM3103 should not exceed the maximum limit. Thermal protection is
implemented by an internal Thermal Shutdown circuit, which activates (typically) at 165°C to make the controller
enter a low power reset state by disabling the main MOSFET, disabling the on-timer, and grounding the SS pin.
Thermal protection helps prevent catastrophic failures from accidental device overheating. When the junction
temperature falls back below 145°C (typical hysteresis = 20°C), the SS pin is released and normal operation
resumes.
Applications Information
EXTERNAL COMPONENTS
The following guidelines can be used to select external components.
RFB1 and RFB2 : These resistors should be chosen from standard values in the range of 1.0 kΩ to 10 kΩ,
satisfying the following ratio:
RFB1/RFB2 = (VOUT/0.6V) - 1
(7)
For VOUT = 0.6V, the FB pin can be connected to the output directly with a pre-load resistor drawing more than
20 µA. This is because the converter operation needs a minimum inductor current ripple to maintain good
regulation when no load is connected.
RON: Equation 2 can be used to select RON if a desired operating frequency is selected. But the minimum value
of RON is determined by the minimum on-time. It can be calculated as follows:
(8)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com