Electronic Components Datasheet Search
  English  ▼

X  

OPA846 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA846
Description  Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA846 Datasheet(HTML) 2 Page - Texas Instruments

  OPA846 Datasheet HTML 1Page - Texas Instruments OPA846 Datasheet HTML 2Page - Texas Instruments OPA846 Datasheet HTML 3Page - Texas Instruments OPA846 Datasheet HTML 4Page - Texas Instruments OPA846 Datasheet HTML 5Page - Texas Instruments OPA846 Datasheet HTML 6Page - Texas Instruments OPA846 Datasheet HTML 7Page - Texas Instruments OPA846 Datasheet HTML 8Page - Texas Instruments OPA846 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
OPA846
2
SBOS250C
www.ti.com
PIN CONFIGURATIONS
Top View
SO
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply ...............................................................................
±6.5V
DC
Internal Power Dissipation ........................ See Thermal Analysis Section
Differential Input Voltage ..................................................................
±1.2V
Input Voltage Range ............................................................................
±V
S
Storage Temperature Range: D, DBV ........................... –40
°C to +125°C
Lead Temperature (soldering, 10s) .............................................. +300
°C
Junction Temperature (TJ ) ........................................................... +150°C
ESD Rating (Human Body Model) .................................................. 2000V
(Charge Device Model) ............................................... 1500V
(Machine Model) ........................................................... 200V
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
OPA846
SO-8
D
–40
°C to +85°C
OPA846
OPA846ID
Rails, 100
""
"
"
"
OPA846IDR
Tape and Reel, 2500
OPA846
SOT23-5
DBV
–40
°C to +85°C
OASI
OPA846IDBVT
Tape and Reel, 250
""
"
"
"
OPA846IDBVR
Tape and Reel, 3000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
Top View
SOT23
1
2
3
4
8
7
6
5
NC
+V
S
Output
NC
NC
NC = No Connection
Inverting Input
Noninverting Input
–V
S
1
2
3
5
4
+V
S
Inverting Input
Output
–V
S
Noninverting Input
OASI
Pin Orientation/Package Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com