Electronic Components Datasheet Search
  English  ▼

X  

OPA846 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA846
Description  Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA846 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA846 Datasheet HTML 13Page - Texas Instruments OPA846 Datasheet HTML 14Page - Texas Instruments OPA846 Datasheet HTML 15Page - Texas Instruments OPA846 Datasheet HTML 16Page - Texas Instruments OPA846 Datasheet HTML 17Page - Texas Instruments OPA846 Datasheet HTML 18Page - Texas Instruments OPA846 Datasheet HTML 19Page - Texas Instruments OPA846 Datasheet HTML 20Page - Texas Instruments OPA846 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
OPA846
21
SBOS250C
www.ti.com
PACKAGE DRAWINGS (Cont.)
DBV (R-PDSO-G5)
PLASTIC SMALL-OUTLINE
0,10
M
0,20
0,95
0
° – 8°
0,25
0,35
0,55
Gage Plane
0,15 NOM
4073253-4/G 01/02
2,60
3,00
0,50
0,30
1,50
1,70
4
5
3
1
2,80
3,00
0,95
1,45
0,05 MIN
Seating Plane
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion.
D. Falls within JEDEC MO-178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com