Electronic Components Datasheet Search
  English  ▼

X  

74L05 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # 74L05
Description  Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

74L05 Datasheet(HTML) 2 Page - Maxim Integrated Products

  74L05 Datasheet HTML 1Page - Maxim Integrated Products 74L05 Datasheet HTML 2Page - Maxim Integrated Products 74L05 Datasheet HTML 3Page - Maxim Integrated Products 74L05 Datasheet HTML 4Page - Maxim Integrated Products 74L05 Datasheet HTML 5Page - Maxim Integrated Products 74L05 Datasheet HTML 6Page - Maxim Integrated Products 74L05 Datasheet HTML 7Page - Maxim Integrated Products 74L05 Datasheet HTML 8Page - Maxim Integrated Products 74L05 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Low-Power, 12-Bit Sampling ADC
with Internal Reference and Power-Down
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 5V ±5%, VSS = 0V or -5V ±5%, fCLK = 1.6MHz, 50% duty cycle, AIN- = AGND, BIP = 0V, slow-memory mode, internal-reference
mode, reference compensation mode—external, synchronous operation, Figure 6, TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to DGND............................................................-0.3V to +7V
VSS to AGND ............................................................-7V to +0.3V
VDD to VSS ..............................................................................12V
AGND, VREF, REFADJ to DGND................-0.3V to (VDD + 0.3V)
AIN+, AIN-, PD to VSS.................................-0.3V to (VDD + 0.3V)
CS, RD, CLK, BIP, HBEN, PAR, to DGND....-0.3V to (V
DD + 0.3V)
BUSY, D0–D7 to DGND..............................-0.3V to (V
DD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Narrow Plastic DIP (derate 13.33mW/°C above +70°C)....1067mW
Wide SO (derate 11.76mW/°C above +70°C) ......................941mW
Narrow CERDIP (derate 12.50mW/°C above +70°C) ........1000mW
Operating Temperature Ranges
MAX191_C_ _ ................................................................0°C to +70°C
MAX191_E_ _ .............................................................-40°C to +85°C
MAX191_M_ _ ..........................................................-55°C to +125°C
Storage Temperature Range.....................................-65°C to +160°C
Lead Temperature (soldering, 10sec).....................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Offset Error
MAX191B
±2
LSB
MAX191A
±1
Differential Nonlinearity
No missing codes over temperature
±1
LSB
Integral Nonlinearity
MAX191B
±1
LSB
MAX191A
±2
Gain Error (Note 3)
MAX191B
±3
LSB
Resolution
12
Bits
MAX191A
±1/2
Gain-Error Tempco (Note 4)
Excludes internal-reference drift
±0.2
ppm/°C
1kHz input signal, TA = +25°C
70
dB
1kHz input signal, TA = +25°C
-80
dB
Spurious-Free Dynamic Range
1kHz input signal, TA = +25°C
80
dB
Synchronous CLK (12 to 13 CLKs)
Conversion Time (Note 5)
Internal CLK, CL = 120pF
6
12
18
µs
Track/Hold Acquisition Time
2
µs
Aperture Delay
25
ns
Aperture Jitter
50
ps
0.1
1.6
MHz
Signal-to-Noise plus Distortion
Ratio
Total Harmonic Distortion
(up to the 5th Harmonic)
External Clock Frequency
Range (Note 6)
SYMBOL
DNL
INL
SINAD
SFDR
THD
tCONV
fCLK
7.50
8.125
DC ACCURACY (Note 2)
DYNAMIC ACCURACY (sample rate = 100kHz, VIN = 4Vp-p)
CONVERSION RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com