Electronic Components Datasheet Search
  English  ▼

X  

SA8028W Datasheet(PDF) 19 Page - NXP Semiconductors

Part # SA8028W
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028W Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button SA8028W Datasheet HTML 15Page - NXP Semiconductors SA8028W Datasheet HTML 16Page - NXP Semiconductors SA8028W Datasheet HTML 17Page - NXP Semiconductors SA8028W Datasheet HTML 18Page - NXP Semiconductors SA8028W Datasheet HTML 19Page - NXP Semiconductors SA8028W Datasheet HTML 20Page - NXP Semiconductors SA8028W Datasheet HTML 21Page - NXP Semiconductors SA8028W Datasheet HTML 22Page - NXP Semiconductors SA8028W Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
19
3.0
Typical Performance Characteristics
–3000
–2000
–1000
0
1000
2000
3000
Iset = 81
µA
Iset = 163
µA
Iset = 204
µA
Iset = 81
µA
Iset = 163
µA
Iset = 204
µA
Icp
(
µA)
COMPLIANCE VOLTAGE (V)
SR02414
Figure 11.
PHI_SU charge pump output vs. Iset
(CP = 01_12x, VDD = 3.0 V, Temp = 25 °C)
Icp
(
µA)
COMPLIANCE VOLTAGE (V)
SR02389
–2500
–2000
–1500
–1000
–500
0
500
1000
1500
2000
2500
–40C
+25C
+85C
Figure 12.
PHI_SU charge pump output vs. temperature
(CP = 01_12x, VDD = 3.0 V, Iset = 163 µA)
Icp
(
µA)
COMPLIANCE VOLTAGE (V)
SR02390
–8000
–6000
–4000
–2000
0
2000
4000
6000
8000
Iset = 204
µA
Iset = 204
µA
Iset = 163
µA
Iset = 81
µA
Iset = 81
µA
Iset = 163
µA
Figure 13.
PHI_SU charge pump output vs. Iset
(CP = 00_36x, VDD = 3.0 V, Temp = 25 °C)
Icp
(
µA)
COMPLIANCE VOLTAGE (V)
SR02391
–8000
–6000
–4000
–2000
0
2000
4000
6000
8000
–40C
+25C
+85C
Figure 14.
PHI_SU charge pump output vs. temperature
(CP = 00_36x, VDD = 3.0 V, Iset = 163 µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com