Electronic Components Datasheet Search
  English  ▼

X  

TAS5112 Datasheet(PDF) 6 Page - Texas Instruments

Part # TAS5112
Description  DIGITAL AMPLIFIER POWER STAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5112 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TAS5112 Datasheet HTML 2Page - Texas Instruments TAS5112 Datasheet HTML 3Page - Texas Instruments TAS5112 Datasheet HTML 4Page - Texas Instruments TAS5112 Datasheet HTML 5Page - Texas Instruments TAS5112 Datasheet HTML 6Page - Texas Instruments TAS5112 Datasheet HTML 7Page - Texas Instruments TAS5112 Datasheet HTML 8Page - Texas Instruments TAS5112 Datasheet HTML 9Page - Texas Instruments TAS5112 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TAS5112
SLES048C − JULY 2003 − REVISED MARCH 2004
www.ti.com
6
ELECTRICAL CHARACTERISTICS
PVDD_x = 29.5 V, GVDD = 29.5 V, DVDD connected to DREG via a 100-
Ω resistor, RL = 6 Ω, 8X fs = 384 kHz, unless otherwise noted
TYPICAL
OVER TEMPERATURE
SYMBOL
PARAMETER
TEST CONDITIONS
TA=25°C
TA=25°C
TCase=
75
°C
TA=40°C
TO 85
°C
UNITS
MIN/TYP/
MAX
INPUT/OUTPUT PROTECTION
Vuvp,G
Undervoltage protection
Set the DUT in normal
operation mode with all the
protections enabled. Sweep
GVDD up and down. Monitor
7.4
6.9
V
Min
Vuvp,G
Undervoltage protection
limit, GVDD
GVDD up and down. Monitor
SD output. Record the
GREG reading when SD is
triggered.
7.4
7.9
V
Max
OTW
Overtemperature warning,
junction temperature
125
°C
Typ
OTE
Overtemperature error,
junction temperature
150
°C
Typ
OC
Overcurrent protection
See Note 1.
5.8
A
Typ
STATIC DIGITAL SPECIFICATION
PWM_AP, PWM_BP, M1,
M2, M3, SD, OTW
VIH
High-level input voltage
2
V
Min
VIH
High-level input voltage
DVDD
V
Max
VIL
Low-level input voltage
0.8
V
Max
Leakage
Input leakage current
−10
µA
Min
Leakage
Input leakage current
10
µA
Max
OTW/SHUTDOWN (SD)
Internally pull up R from
OTW/SD to DVDD
30
22.5
k
Ω
Min
VOL
Low-level output voltage
IO = 4 mA
0.4
V
Max
(1) To optimize device performance and prevent overcurrent (OC) protection tripping, the demodulation filter must be designed with special care. See
Demodulation Filter Design in the Application Information section of the data sheet and consider the recommended inductors and capacitors for
optimal performance. It is also important to consider PCB design and layout for optimum performance of the TAS5112. It is recommended to follow
the TAS5112F2EVM (S/N 112) design and layout guidelines for best performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com