Electronic Components Datasheet Search
  English  ▼

X  

TAS5112 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS5112
Description  DIGITAL AMPLIFIER POWER STAGE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5112 Datasheet(HTML) 3 Page - Texas Instruments

  TAS5112 Datasheet HTML 1Page - Texas Instruments TAS5112 Datasheet HTML 2Page - Texas Instruments TAS5112 Datasheet HTML 3Page - Texas Instruments TAS5112 Datasheet HTML 4Page - Texas Instruments TAS5112 Datasheet HTML 5Page - Texas Instruments TAS5112 Datasheet HTML 6Page - Texas Instruments TAS5112 Datasheet HTML 7Page - Texas Instruments TAS5112 Datasheet HTML 8Page - Texas Instruments TAS5112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TAS5112
SLES048C − JULY 2003 − REVISED MARCH 2004
www.ti.com
3
Terminal Functions
TERMINAL
FUNCTION(1)
DESCRIPTION
NAME
NO.
FUNCTION(1)
DESCRIPTION
BST_A
31
P
High-side bootstrap supply (BST), external capacitor to OUT_A required
BST_B
42
P
High-side bootstrap supply (BST), external capacitor to OUT_B required
BST_C
43
P
HS bootstrap supply (BST), external capacitor to OUT_C required
BST_D
54
P
HS bootstrap supply (BST), external capacitor to OUT_D required
DGND
23
P
Digital I/O reference ground
DREG
16
P
Digital supply voltage regulator decoupling pin, capacitor connected to GND
DREG_RTN
12
P
Digital supply voltage regulator decoupling return pin
DVDD
25
P
I/O reference supply input (3.3 V)
GND
1, 2, 22, 24,
27, 28, 29, 36,
37, 48, 49, 56
P
Power ground
GREG
3, 26
P
Gate drive voltage regulator decoupling pin, capacitor to REG_GND
GVDD
30, 55
P
Voltage supply to on-chip gate drive and digital supply voltage regulators
M1 (TST0)
15
I
Mode selection pin
M2
14
I
Mode selection pin
M3
13
I
Mode selection pin
OTW
4
O
Overtemperature warning output, open drain with internal pullup resistor
OUT_A
34, 35
O
Output, half-bridge A
OUT_B
38, 39
O
Output, half-bridge B
OUT_C
46, 47
O
Output, half-bridge C
OUT_D
50, 51
O
Output, half-bridge D
PVDD_A
32, 33
P
Power supply input for half-bridge A
PVDD_B
40, 41
P
Power supply input for half-bridge B
PVDD_C
44, 45
P
Power supply input for half-bridge C
PVDD_D
52, 53
P
Power supply input for half-bridge D
PWM_AM
20
I
Input signal (negative), half-bridge A
PWM_AP
21
I
Input signal (positive), half-bridge A
PWM_BM
18
I
Input signal (negative), half-bridge B
PWM_BP
17
I
Input signal (positive), half-bridge B
PWM_CM
10
I
Input signal (negative), half-bridge C
PWM_CP
11
I
Input signal (positive), half-bridge C
PWM_DM
8
I
Input signal (negative), half-bridge D
PWM_DP
7
I
Input signal (positive), half-bridge D
RESET_AB
19
I
Reset signal, active low
RESET_CD
9
I
Reset signal, active low
SD_AB
6
O
Shutdown signal for half-bridges A and B, active-low
SD_CD
5
O
Shutdown signal for half-bridges C and D, active-low
(1) I = input, O = Output, P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com