Electronic Components Datasheet Search
  English  ▼

X  

THS8200 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # THS8200
Description  ALL FORMAT OVERSAMPLED COMPONENT VIDEO/PC GRAPHICS D/A SYSTEM WITH THREE 11-BIT DACS,CGMS DATA INSERTION
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8200 Datasheet(HTML) 51 Page - Texas Instruments

Back Button THS8200 Datasheet HTML 47Page - Texas Instruments THS8200 Datasheet HTML 48Page - Texas Instruments THS8200 Datasheet HTML 49Page - Texas Instruments THS8200 Datasheet HTML 50Page - Texas Instruments THS8200 Datasheet HTML 51Page - Texas Instruments THS8200 Datasheet HTML 52Page - Texas Instruments THS8200 Datasheet HTML 53Page - Texas Instruments THS8200 Datasheet HTML 54Page - Texas Instruments THS8200 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
4–36
0.700 V/1.305 V
0.000 V/0.000 V
1023
0
Figure 4–39. RGB Without Sync Insertion or Composite Video Output
The figure below shows the linear DAC I/O relationship for either of the two nominal full-scale settings.
0.700 V
1.305 V
1023
255
511
767
0
Input Digital Codes
Ramping Output With Different Full-Scale Ranges
Figure 4–40. Ramping Output With Different Full-Scale Ranges
4.8.2
SMPTE-Compatible RGB Output With Sync Signal Inserted on G (Green) Channel
In this mode, a tri-level (HDTV modes)/bi-level (SDTV modes) sync signal is inserted into the G channel. The nominal
analog output voltage range, which is from the sync tip to the peak of active video, is from 0.0 V to 1.050 V. During
the active video period, the peak-to-peak ac value (dynamic range) is 700 mV (from 350 mV to 1050 mV). The blank
levels on all three channels correspond to the bottom code 64 and are at 350 mV. Figure 4–41 and Figure 4–42
illustrate the analog video output signals, both the output from the G channel with a tri-level or a bi-level sync pulse
inserted, as well as the outputs from R and B channels. No sync signal is inserted during the sync period on R and
B channels.
Alternatively, sync can be inserted on all three channels on THS8200 by appropriately programming the sync
amplitude levels. On those channels where no sync is inserted, the blank levels are maintained at a 350-mV dc level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com