Electronic Components Datasheet Search
  English  ▼

X  

THS8200 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS8200
Description  ALL FORMAT OVERSAMPLED COMPONENT VIDEO/PC GRAPHICS D/A SYSTEM WITH THREE 11-BIT DACS,CGMS DATA INSERTION
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8200 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS8200 Datasheet HTML 25Page - Texas Instruments THS8200 Datasheet HTML 26Page - Texas Instruments THS8200 Datasheet HTML 27Page - Texas Instruments THS8200 Datasheet HTML 28Page - Texas Instruments THS8200 Datasheet HTML 29Page - Texas Instruments THS8200 Datasheet HTML 30Page - Texas Instruments THS8200 Datasheet HTML 31Page - Texas Instruments THS8200 Datasheet HTML 32Page - Texas Instruments THS8200 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
4–14
f – Frequency – Rad
–4
–3
–2
–1
0
1
2
3
4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
MAGNITUDE
vs
FREQUENCY
Figure 4–14. IFIR Phase Response
Each of the two interpolation stages can be switched in or bypassed:
•
Register data_ifir12_bypass controls the 4:2:2 to 4:4:4 filter bank (these filters should be set active when
a 4:2:2 input mode is selected on DMAN).
•
Register data_ifir35_bypass controls the 1
× to 2× interpolation stage and can be set active for optional 2×
interpolation when an input format with pixel clock < 80 MSPS is present.
4.7
Display Timing Generator (DTG)
4.7.1
Overview of Functionality
THS8200 can generate dedicated Hsync/Vsync/FieldID video synchronization outputs, as well as a composite sync
inserted on either the G/Y or all analog output channels. Both types of output synchronization can be available
simultaneously and programmed independently. Synchronization patterns are fully programmable to accommodate
all standard VESA (PC graphics) and ATSC (DTV) formats as well as nonstandard formats.
For the purpose of output video timing generation, the device is configured in HDTV, SDTV or VESA mode
(dtg1_mode register). Depending on the selected DTG mode, a number of line types are available to generate the
full video frame format. The timing and position of horizontal and vertical syncs, the position of horizontal and vertical
blanking intervals, and the structure, position and width of equalization pulses, pre- and post-serration pulses within
the vertical blanking interval are user-programmable.
The DTG determines:
•
the frame format/field format (number of pixels/line, number of lines/field1, number of lines/field2, number
of fields/frame = 1 for progressive or 2 for interlaced formats) and its synchronization to the input data source
–
registers: dtg1_total_pixels, dtg1_linecnt, dtg1_frame_size, dtg1_field_size
•
in slave mode, whether HS_IN, VS_IN, FID (dedicated sync inputs) are used for input video synchronization
or video timing is extracted from embedded SAV/EAV codes, as well as the relative position of the video
frame with respect to these synchronization signals
–
registers: dtg2_embedded_timing, dtg2_hs_in_dly, dtg2_vs_in_dly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com