Electronic Components Datasheet Search
  English  ▼

X  

LM340 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM340
Description  1.5-A Fixed Voltage Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM340 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM340 Datasheet HTML 15Page - Texas Instruments LM340 Datasheet HTML 16Page - Texas Instruments LM340 Datasheet HTML 17Page - Texas Instruments LM340 Datasheet HTML 18Page - Texas Instruments LM340 Datasheet HTML 19Page - Texas Instruments LM340 Datasheet HTML 20Page - Texas Instruments LM340 Datasheet HTML 21Page - Texas Instruments LM340 Datasheet HTML 22Page - Texas Instruments LM340 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
19
LM340, LM340A, LM7805, LM7812, LM7815
www.ti.com
SNOSBT0K – FEBRUARY 2000 – REVISED JULY 2016
Product Folder Links: LM340 LM340A LM7805 LM7812 LM7815
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Heat Sinking DDPAK/TO-263 and SOT-223 Package Parts (continued)
As shown in Figure 29, increasing the copper area beyond 1 square inch produces very little improvement. It
should also be observed that the minimum value of θ(J–A) for the DDPAK/TO-263 package mounted to a PCB is
32°C/W.
As a design aid, Figure 30 shows the maximum allowable power dissipation compared to ambient temperature
for the DDPAK/TO-263 device (assuming θ(J–A) is 35°C/W and the maximum junction temperature is 125°C).
Figure 30. Maximum Power Dissipation vs TAMB for the DDPAK/TO-263 Package
Figure 31 and Figure 32 show the information for the SOT-223 package. Figure 31 assumes a θ(J–A) of 74°C/W
for 1-oz. copper and 51°C/W for 2-oz. copper and a maximum junction temperature of 125°C.
Figure 31. θ(J–A) vs Copper (2 Ounce) Area
for the SOT-223 Package
Figure 32. Maximum Power Dissipation vs
TAMB for the SOT-223 Package
See AN-1028 LMX2370 PLLatinum Dual Freq Synth for RF Pers Comm LMX2370 2.5GHz/1.2GHz (SNVA036)
for power enhancement techniques to be used with the SOT-223 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com