Electronic Components Datasheet Search
  English  ▼

X  

LM340 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM340
Description  1.5-A Fixed Voltage Regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM340 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM340 Datasheet HTML 10Page - Texas Instruments LM340 Datasheet HTML 11Page - Texas Instruments LM340 Datasheet HTML 12Page - Texas Instruments LM340 Datasheet HTML 13Page - Texas Instruments LM340 Datasheet HTML 14Page - Texas Instruments LM340 Datasheet HTML 15Page - Texas Instruments LM340 Datasheet HTML 16Page - Texas Instruments LM340 Datasheet HTML 17Page - Texas Instruments LM340 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
14
LM340, LM340A, LM7805, LM7812, LM7815
SNOSBT0K – FEBRUARY 2000 – REVISED JULY 2016
www.ti.com
Product Folder Links: LM340 LM340A LM7805 LM7812 LM7815
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Application Information (continued)
Figure 16. Regulator Floating Ground
Figure 17. Transients
When a value for θ(H–A) is found, a heat sink must be selected that has a value that is less than or equal to this
number.
θ(H–A) is specified numerically by the heat sink manufacturer in this catalog or shown in a curve that plots
temperature rise vs power dissipation for the heat sink.
8.2 Typical Applications
8.2.1 Fixed Output Voltage Regulator
The LM340x and LM78xx devices are primarily designed to provide fixed output voltage regulation. The simplest
implementation of LM340x and LM78xx is shown in Figure 18.
*Required if the regulator is located far from the power supply filter.
**Although no output capacitor is needed for stability, it does help transient response. (If needed, use 0.1-μF, ceramic
disc).
Figure 18. Fixed Output Voltage Regulator
8.2.1.1 Design Requirements
The device component count is very minimal. Although not required, TI recommends employing bypass
capacitors at the output for optimum stability and transient response. These capacitors must be placed as close
as possible to the regulator. If the device is located more than 6 inches from the power supply filter, it is required
to employ input capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com