Electronic Components Datasheet Search
  English  ▼

X  

TPS61012 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61012
Description  HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61012 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61012 Datasheet HTML 9Page - Texas Instruments TPS61012 Datasheet HTML 10Page - Texas Instruments TPS61012 Datasheet HTML 11Page - Texas Instruments TPS61012 Datasheet HTML 12Page - Texas Instruments TPS61012 Datasheet HTML 13Page - Texas Instruments TPS61012 Datasheet HTML 14Page - Texas Instruments TPS61012 Datasheet HTML 15Page - Texas Instruments TPS61012 Datasheet HTML 16Page - Texas Instruments TPS61012 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
0
10
20
30
40
50
60
0.5
1
1.5
2
2.5
3
3.5
TA = 25°C
TA = −40°C
TA = 85°C
VI − Input Voltage − V
0
1
2
3
4
5
6
0.5
1
1.5
2
2.5
3
3.5
TA = 85° C
TA = 25° C
TA = −40° C
VI − Input Voltage − V
Output Voltage
20 mV/div, AC
Inductor Current
50 mA/div, AC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
t − Time −
µs
0
0.2
0.4
0.6
0.8
1
1.2
1.5
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
3.3
VO − Output Voltage − V
TPS61010, TPS61011
TPS61012, TPS61013
TPS61014, TPS61015, TPS61016
SLVS314C – SEPTEMBER 2000 – REVISED OCTOBER 2003
TYPICAL CHARACTERISTICS (continued)
NO-LOAD SUPPLY CURRENT
SHUTDOWN SUPPLY CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 15.
Figure 16.
SWITCH CURRENT LIMIT
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE RIPPLE IN CONTINUOUS MODE
Figure 17.
Figure 18.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com